Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AST11L Datasheet(PDF) 1 Page - Advanced Semiconductor Business Inc.

Part # AST11L
Description  5-3500 MHz MMIC Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

AST11L Datasheet(HTML) 1 Page - Advanced Semiconductor Business Inc.

  AST11L Datasheet HTML 1Page - Advanced Semiconductor Business Inc. AST11L Datasheet HTML 2Page - Advanced Semiconductor Business Inc. AST11L Datasheet HTML 3Page - Advanced Semiconductor Business Inc. AST11L Datasheet HTML 4Page - Advanced Semiconductor Business Inc. AST11L Datasheet HTML 5Page - Advanced Semiconductor Business Inc. AST11L Datasheet HTML 6Page - Advanced Semiconductor Business Inc. AST11L Datasheet HTML 7Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1/7
ASB Inc. · sales@asb.co.kr · Tel: +82-42-528-7223
February 2010
AST11L
5-3500 MHz MMIC Amplifier
Parameters
Units
Typical
Frequency
MHz
170 ~ 240
DVB-T(V band)
478 ~ 862
DVB-T(U band)
900
2000
Gain
dB
14
15
18
13
S11
dB
-8
-9
-13.5
-14
S22
dB
-11
-9
-12
-11
Output IP3
1)
dBm
16
18
24.5
27
Noise Figure
dB
1.8
1.8
1.2
1.3
Output P1dB
dBm
5
6.5
13
14
Current
mA
13
13
25
25
Device Voltage
V
5
5
3
3
1) OIP3 is measured with two tones at an output power of -5 dBm/tone separated by 1 MHz.
Parameters
Units
Min
Typ
Max
Testing Frequency
MHz
2000
Gain
dB
12
13
S11
dB
-14
S22
dB
-11
Output IP3
dBm
23
27
Noise Figure
dB
1.3
1.5
Output P1dB
dBm
11
14
Current
mA
14
25
40
Device Voltage
V
3
Parameters
Rating
Operating Case Temperature
-40 to +85°C
Storage Temperature
-40 to +150°C
Device Voltage
+5.5 V
Operating Junction Temperature
+150°C
Input RF Power (CW, 50ohm matched)*
22 dBm
* Please find the max. input power data from http://www.asb.co.kr/pdf/Maximum_Input_Power_Analysis.pdf
Features
Description
Typical Performance
Absolute Maximum Ratings
·13 dB Gain at 2 GHz
·14 dBm P1dB at 2 GHz
·27 dBm OIP3 at 2 GHz
·MTTF > 100 Years
·Single Supply
The AST11L, a power amplifier MMIC, has a high
linearity, high gain, and high efficiency over a wide
range of frequency, being suitable for use in both
receiver and transmitter of telecommunication sys-
tems up to 3.5 GHz. The amplifier is available in an
SOT-363 package and passes through the stringent
DC, RF, and reliability tests.
Application Circuit
· CDMA
· WCDMA
· DVB-T (V/U band)
Product Specifications
Package Style: SOT-363
Pin Configuration
Pin No.
Function
1,2,4,5
GND
3
RF IN
6
RF OUT / Bias


Similar Part No. - AST11L

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
AST11L ASB-AST11L Datasheet
496Kb / 8P
MMIC Amplifier
April 2017
AST11L ASB-AST11L_17 Datasheet
496Kb / 8P
MMIC Amplifier
April 2017
More results

Similar Description - AST11L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SGA-4263 ETC-SGA-4263 Datasheet
259Kb / 4P
DC-3500 MHZ CASCADABLE SIGE HBT MMIC AMPLIFIER
logo
Stanford Microdevices
SGA-4463 STANFORD-SGA-4463 Datasheet
406Kb / 5P
DC-3500 MHZ CASCADABLE SIGE HBT MMIC AMPLIFIER
logo
SIRENZA MICRODEVICES
SGA-4263 SIRENZA-SGA-4263 Datasheet
253Kb / 5P
DC-3500 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-4463 SIRENZA-SGA-4463 Datasheet
252Kb / 5P
DC-3500 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-5486 SIRENZA-SGA-5486 Datasheet
89Kb / 4P
DC-3500 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-6489 SIRENZA-SGA-6489 Datasheet
95Kb / 4P
DC-3500 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-6589 SIRENZA-SGA-6589 Datasheet
90Kb / 4P
DC-3500 MHz, Cascadable SiGe HBT MMIC Amplifier
logo
Advanced Semiconductor ...
ASX420 ASB-ASX420 Datasheet
769Kb / 12P
250-3500 MHz MMIC Amplifier
September 2011
ASL03H ASB-ASL03H Datasheet
652Kb / 11P
5 ~ 3500 MHz MMIC Amplifier
July 2014
ASX420 ASB-ASX420_17 Datasheet
1Mb / 14P
250 ~ 3500 MHz MMIC Amplifier
February 2017
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com