Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASW105 Datasheet(PDF) 1 Page - Advanced Semiconductor Business Inc.

Part # ASW105
Description  5-4000 MHz MMIC Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASW105 Datasheet(HTML) 1 Page - Advanced Semiconductor Business Inc.

  ASW105 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASW105 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASW105 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASW105 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASW105 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASW105 Datasheet HTML 6Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1/6
ASB Inc. · sales@asb.co.kr · Tel: +82-42-528-7223
October 2010
ASW105
5-4000 MHz MMIC Amplifier
Parameters
Units
Typical
Frequency
MHz
150
900
2000
Gain
dB
21
19.3
17.5
S11
dB
-12
-16
-16
S22
dB
-12
-11
-11
Output IP3
1)
dBm
32
31.5
31.5
Noise Figure
dB
1.7
1.7
1.8
Output P1dB
dBm
18.5
17.5
18.5
Current
mA
65
65
65
Device Voltage
V
3.3
3.3
3.3
1) OIP3 is measured with two tones at an output power of +5 dBm/tone separated by 1 MHz.
Parameters
Units
Min
Typ
Max
Testing Frequency
MHz
900
Gain
dB
19.3
S11
dB
-16
S22
dB
-11
Output IP3
dBm
31.5
Noise Figure
dB
1.7
Output P1dB
dBm
17.5
Current
mA
65
Device Voltage
V
3.3
Parameters
Rating
Operating Case Temperature
-40 to +85°C
Storage Temperature
-40 to +150°C
Device Voltage
+4.3 V
Operating Junction Temperature
+150°C
Input RF Power (Continuous)
22 dBm
* Please find the max. input power data from http://www.asb.co.kr/pdf/Maximum_Input_Power_Analysis.pdf
Features
Description
Typical Performance
Absolute Maximum Ratings
·19.3 dB Gain at 900 MHz
·17.5 dBm P1dB at 900 MHz
·31.5 dBm Output IP3 at 900 MHz
·1.7 dB NF at 900 MHz
·MTTF > 100 Years
·Single Supply
The ASW105, a power amplifier MMIC, has a high
linearity, high gain, and high efficiency over a wide
range of frequency, being suitable for use in both
receiver and transmitter of telecommunication sys-
tems up to 4 GHz. The amplifier is available in an
SOT-89 package and passes through the stringent
DC, RF, and reliability tests.
Application Circuit
·500 ~ 3500 MHz
·IF ( 50 ~ 450 MHz )
·DMB
Product Specifications
ASW105
Package Style: SOT-89
Pin Configuration
Pin No.
Function
1
RF IN
2
GND
3
RF OUT / Bias


Similar Part No. - ASW105

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASW105 ASB-ASW105 Datasheet
858Kb / 7P
MMIC Amplifier
April 2017
ASW105 ASB-ASW105_17 Datasheet
858Kb / 7P
MMIC Amplifier
April 2017
More results

Similar Description - ASW105

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASL033 ASB-ASL033 Datasheet
901Kb / 17P
5-4000 MHz MMIC Amplifier
January 2012
ASW135 ASB-ASW135 Datasheet
341Kb / 5P
5-4000 MHz MMIC Amplifier
July 2011
ASW215 ASB-ASW215 Datasheet
463Kb / 7P
5-4000 MHz MMIC Amplifier
February 2010
ASW216 ASB-ASW216 Datasheet
325Kb / 5P
5-4000 MHz MMIC Amplifier
February 2010
ASW338 ASB-ASW338 Datasheet
790Kb / 10P
5-4000 MHz MMIC Amplifier
April 2012
ASW318 ASB-ASW318 Datasheet
1Mb / 23P
5 ~ 4000 MHz MMIC Amplifier
December 2014
ASW335 ASB-ASW335 Datasheet
905Kb / 16P
5 ~ 4000 MHz MMIC Amplifier
January 2014
AWB207 ASB-AWB207 Datasheet
687Kb / 9P
5 ~ 4000 MHz MMIC Amplifier
October 2013
AWB389 ASB-AWB389 Datasheet
441Kb / 6P
5 ~ 4000 MHz MMIC Amplifier
December 2013
AWB389 ASB-AWB389_17 Datasheet
566Kb / 7P
5 ~ 4000 MHz MMIC Amplifier
April 2017
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com