Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC4400FN Datasheet(PDF) 6 Page - ebm-papst

Part # AC4400FN
Description  ACmaxx / i-maxx
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

AC4400FN Datasheet(HTML) 6 Page - ebm-papst

Back Button AC4400FN Datasheet HTML 2Page - ebm-papst AC4400FN Datasheet HTML 3Page - ebm-papst AC4400FN Datasheet HTML 4Page - ebm-papst AC4400FN Datasheet HTML 5Page - ebm-papst AC4400FN Datasheet HTML 6Page - ebm-papst AC4400FN Datasheet HTML 7Page - ebm-papst AC4400FN Datasheet HTML 8Page - ebm-papst AC4400FN Datasheet HTML 9Page - ebm-papst AC4400FN Datasheet HTML 10Page - ebm-papst Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
130
Fans for AC operation
mm
m3/h
80 x 32
AC 8300 H
80
108
131
92 x 38
AC 3200 J
144
109
132
119 x 25
AC 4400 FN
205
110
133
119 x 32
AC 4300 H
204
134
NEW
119 x 38
ACi 4400 100..180
135
172 Ø x 51
AC 6100 N
350
136
172 Ø x 51
AC 6200 N
350
137
NEW 98,5 Ø x 130 AC 100 NR 80..135
138
10
40
50
60
70 80 90
20
30
100
400
500 600 700 800 900
200
300
1000
2000
3000
ACmaxx / i-maxx Axial fans
Series
mm
OPTIONAL
P.
AC 8300 H
80 x 80 x 32
*•
131
AC 3200 J
92 x 92 x 38
*•
132
AC 4400 FN
119 x 119 x 25
*•
133
AC 4300
119 x 119 x 32
*•
134
NEW ACi 4400
119 x 119 x 38
––
135
AC 6100 N
172 Ø x 51
*•
136
AC 6200 N
172 Ø x 51
*•
137
NEW AC 100
100 Ø x 130
––
138
Overview of air performance
Overview of technically feasible designs
Please note that these special versions are not possible for all voltages and speeds, and not in all combina-
tions. The special versions are designed for specific customers and projects. As a rule they are not available
off the shelf and are tied to minimum volumes.
Please consult your customer support representative about the feasibility of your special variant.
Sleeve bearings
Ball bearings
– not yet available
• available
* Partially granted, partially in registration stage.
Kompaktlüfter__2011__EN__Final__17_01_2011_:Vorlage
18.01.2011
14:19
Seite 130



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com