Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALN0878 Datasheet(PDF) 3 Page - Advanced Semiconductor Business Inc.

Part # ALN0878
Description  Internally Matched LNA Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ALN0878 Datasheet(HTML) 3 Page - Advanced Semiconductor Business Inc.

  ALN0878 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ALN0878 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ALN0878 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ALN0878 Datasheet HTML 4Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3/4
www.asb.co.kr
January 2011
plerow
TM ALN0878
Internally Matched LNA Module
1. S-parameter
2. OIP3, P1dB & NF
Note: tested at room temperature.
1. S-parameter
2. OIP3, P1dB & NF
Note: tested at Vs= 5V.
816 MHz
878 MHz
940 MHz
S21 (dB)
S11 (dB)
S22 (dB)
S21 (dB)
G/F (dB)
S11 (dB)
S22 (dB)
S21 (dB)
S11 (dB)
S22 (dB)
4.50 V
30.63
-20.09
-11.65
30.22
0.96
-22.64
-12.87
29.67
-25.64
-11.82
4.75 V
30.77
-20.09
-11.71
30.35
0.97
-22.60
-12.91
29.80
-25.57
-11.84
5.00 V
30.85
-20.07
-11.70
30.43
0.97
-22.58
-12.98
29.88
-25.57
-11.94
5.25 V
30.95
-20.14
-11.80
30.53
0.99
-22.68
-12.98
29.96
-25.70
-11.88
5.50 V
31.02
-20.07
-11.84
30.59
1.00
-22.57
-13.00
30.02
-25.73
-11.85
816 MHz
878 MHz
940 MHz
OIP3 (dBm)
P1dB (dBm)
NF (dB)
OIP3 (dBm)
P1dB (dBm)
NF (dB)
OIP3 (dBm)
P1dB (dBm)
NF (dB)
4.50 V
39.55
19.62
0.665
39.63
19.78
0.725
38.70
20.03
0.691
4.75 V
39.86
20.14
0.666
39.82
20.30
0.728
39.05
20.59
0.706
5.00 V
39.54
20.62
0.675
40.14
20.84
0.738
39.45
21.11
0.708
5.25 V
38.83
21.06
0.688
39.05
21.27
0.753
38.95
21.59
0.717
5.50 V
37.79
21.40
0.703
38.29
21.71
0.781
38.21
22.02
0.741
816 MHz
878 MHz
940 MHz
S21 (dB)
S11 (dB)
S22 (dB)
S21 (dB)
G/F (dB)
S11 (dB)
S22 (dB)
S21 (dB)
S11 (dB)
S22 (dB)
-45 °C
31.11
-17.05
-11.18
30.78
0.83
-18.95
-13.24
30.28
-20.71
-13.14
-10 °C
31.03
-18.76
-11.36
30.66
0.88
-21.07
-13.06
30.15
-23.07
-12.40
25 °C
30.98
-20.41
-11.66
30.59
0.94
-23.02
-12.91
30.04
-25.71
-11.86
60 °C
30.87
-21.55
-11.79
30.44
0.99
-24.67
-12.63
29.88
-27.44
-11.19
85 °C
30.73
-21.74
-12.00
30.32
0.99
-24.90
-12.45
29.74
-27.63
-10.83
816 MHz
878 MHz
940 MHz
OIP3 (dBm)
P1dB (dBm)
NF (dB)
OIP3 (dBm)
P1dB (dBm)
NF (dB)
OIP3 (dBm)
P1dB (dBm)
NF (dB)
-45 °C
40.25
20.44
0.481
40.43
20.74
0.501
41.50
20.89
0.491
-10 °C
40.38
20.43
0.525
40.45
20.70
0.537
40.97
21.09
0.529
25 °C
40.05
20.19
0.725
40.37
20.54
0.743
40.58
21.00
0.731
60 °C
39.20
19.98
0.824
39.35
20.28
0.836
39.34
20.80
0.822
85 °C
37.50
19.88
0.983
37.56
20.15
0.989
37.76
20.65
0.982
RF Performance with Operating Temperature
RF Performance with Voltage Change



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com