Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALN1102 Datasheet(PDF) 3 Page - Advanced Semiconductor Business Inc.

Part # ALN1102
Description  Internally Matched LNA Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ALN1102 Datasheet(HTML) 3 Page - Advanced Semiconductor Business Inc.

  ALN1102 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ALN1102 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ALN1102 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ALN1102 Datasheet HTML 4Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3/4
www.asb.co.kr
July 2009
plerow
TM ALN1102
Internally Matched LNA Module
1. S-parameter
2. OIP3, P1dB & NF
Note: tested at room temperature.
1. S-parameter
2. OIP3, P1dB & NF
Note: tested at Vs= 5V.
950 MHz
1100 MHz
1250 MHz
S21 (dB)
S11 (dB)
S22 (dB)
S21 (dB)
G/F (dB)
S11 (dB)
S22 (dB)
S21 (dB)
S11 (dB)
S22 (dB)
4.50 V
27.00
-20.28
-17.04
25.98
2.02
-20.08
-18.01
24.98
-18.80
-17.10
4.75 V
27.25
-21.31
-17.02
26.24
2.02
-21.27
-18.31
25.23
-19.74
-17.44
5.00 V
27.49
-22.20
-17.05
26.46
2.03
-22.45
-18.55
25.46
-20.65
-17.74
5.25 V
27.65
-22.87
-17.04
26.63
2.03
-23.41
-18.67
25.62
-21.44
-18.01
5.50 V
27.81
-23.33
-17.03
26.80
2.03
24.37
-18.76
25.78
-22.10
-18.17
950 MHz
1100 MHz
1250 MHz
OIP3 (dBm)
P1dB (dBm)
NF (dB)
OIP3 (dBm)
P1dB (dBm)
NF (dB)
OIP3 (dBm)
P1dB (dBm)
NF (dB)
4.50 V
30.53
17.66
0.672
29.70
16.99
0.683
29.07
16.20
0.678
4.75 V
32.15
18.60
0.668
31.42
18.17
0.683
30.81
17.42
0.687
5.00 V
33.56
19.50
0.661
32.98
19.11
0.698
32.16
18.50
0.682
5.25 V
34.69
20.09
0.669
34.13
19.97
0.707
33.47
19.40
0.694
5.50 V
35.75
20.75
0.679
35.19
20.58
0.724
34.55
20.23
0.688
950 MHz
1100 MHz
1250 MHz
S21 (dB)
S11 (dB)
S22 (dB)
S21 (dB)
G/F (dB)
S11 (dB)
S22 (dB)
S21 (dB)
S11 (dB)
S22 (dB)
-55 °C
27.03
-16.30
-16.25
26.03
2.16
-10.63
-18.56
24.84
-13.65
-19.40
-50 °C
27.63
-17.80
-16.40
26.63
2.08
-16.33
-18.69
25.55
-17.50
-18.80
-45 °C
28.21
-19.37
-16.55
27.26
2.00
-22.05
-18.56
26.21
-21.42
-18.20
-10 °C
27.97
-20.74
-16.89
27.01
2.01
-22.08
-18.47
25.96
-20.79
-17.90
25 °C
27.61
-21.61
-17.08
26.63
2.01
-21.92
-18.11
25.60
-20.58
-17.42
60 °C
27.43
-21.70
-17.10
26.45
2.03
-21.19
-17.74
25.40
-19.88
-16.71
85 °C
27.17
-22.09
-17.20
26.18
2.04
-20.84
-17.57
25.13
-19.41
-16.42
950 MHz
1100 MHz
1250 MHz
OIP3 (dBm)
P1dB (dBm)
NF (dB)
OIP3 (dBm)
P1dB (dBm)
NF (dB)
OIP3 (dBm)
P1dB (dBm)
NF (dB)
-55 °C
33.37
19.27
0.362
33.03
18.97
0.378
32.17
18.25
0.432
-50 °C
33.27
19.26
0.365
33.02
18.96
0.396
32.22
18.21
0.460
-45 °C
33.17
19.25
0.368
33.02
18.95
0.418
32.27
18.16
0.494
-10 °C
33.03
19.32
0.504
32.85
19.01
0.544
32.15
18.29
0.628
25 °C
33.03
19.25
0.619
32.68
19.06
0.652
31.94
18.25
0.730
60 °C
32.84
19.23
0.772
32.54
19.00
0.825
31.75
18.24
0.927
85 °C
32.75
19.20
0.931
32.39
18.98
0.985
31.57
18.22
1.092
RF Performance with Operating Temperature
RF Performance with Voltage Change



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com