Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASW234 Datasheet(PDF) 1 Page - Advanced Semiconductor Business Inc.

Part # ASW234
Description  5-8000 MHz MMIC Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASW234 Datasheet(HTML) 1 Page - Advanced Semiconductor Business Inc.

  ASW234 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASW234 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASW234 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASW234 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASW234 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASW234 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASW234 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASW234 Datasheet HTML 8Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
ASB Inc. · sales@asb.co.kr · Tel: +82-42-528-7223
February 2010
ASW234
5-8000 MHz MMIC Amplifier
Parameters
Units
Typical
Frequency
MHz
900
2000
2700
3500
5500
Gain
dB
18.7
16.8
15.5
13.5
10
S11
dB
-10
-11
-15
-15
-12
S22
dB
-18
-18
-15
-12
-10
Output IP3
1)
dBm
29.5
31
31.5
31
28
Noise Figure
dB
1.9
1.8
1.9
2.2
3.3
Output P1dB
dBm
22
22
20.5
18.5
14.5
Current
mA
55
55
55
55
55
Device Voltage
V
5
5
5
5
5
1) OIP3 is measured with two tones at an output power of +5 dBm/tone separated by 1 MHz.
Parameters
Units
Min
Typ
Max
Testing Frequency
MHz
2000
Gain
dB
16.8
S11
dB
-11
S22
dB
-18
Output IP3
dBm
31
Noise Figure
dB
1.8
Output P1dB
dBm
22
Current
mA
55
Device Voltage
V
5
Parameters
Rating
Operating Case Temperature
-40 to +85°C
Storage Temperature
-40 to +150°C
Device Voltage
+5 V
Operating Junction Temperature
+150°C
Input RF Power (Continuous)
22 dBm
* Please find the max. input power data from http://www.asb.co.kr/pdf/Maximum_Input_Power_Analysis.pdf
Features
Description
Typical Performance
Absolute Maximum Ratings
·16.8 dB Gain at 2 GHz
·22 dBm P1dB at 2 GHz
·31 dBm Output IP3 at 2 GHz
·1.8 dB NF at 2 GHz
·MTTF > 100 Years
·Single Supply
The ASW234, a power amplifier MMIC, has a high
linearity, high gain, and high efficiency over a wide
range of frequency, being suitable for use in both
receiver and transmitter of telecommunication sys-
tems up to 6 GHz. The amplifier is available in an
SOT-363 package and passes through the stringent
DC, RF, and reliability tests.
Product Specifications
Package Style: SOT-363
Application Circuit
·500 ~ 3500 MHz
·500 ~ 3500 MHz (4.7 V)
·500 ~ 3500 MHz (3 V)
·IF
·DVB-T (V/U band)
·5000 ~ 6000 MHz
Pin Configuration
Pin No.
Function
1
RF OUT / Bias
2,3,5,6
GND
4
RF IN


Similar Part No. - ASW234

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASW234 ASB-ASW234 Datasheet
1Mb / 9P
MMIC Amplifier
April 2017
ASW234 ASB-ASW234_17 Datasheet
1Mb / 9P
MMIC Amplifier
April 2017
More results

Similar Description - ASW234

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASL033 ASB-ASL033 Datasheet
901Kb / 17P
5-4000 MHz MMIC Amplifier
January 2012
AST11L ASB-AST11L Datasheet
488Kb / 7P
5-3500 MHz MMIC Amplifier
February 2010
ASW114 ASB-ASW114 Datasheet
797Kb / 15P
5-8000 MHz MMIC Amplifier
July 2012
ASW135 ASB-ASW135 Datasheet
341Kb / 5P
5-4000 MHz MMIC Amplifier
July 2011
ASW208 ASB-ASW208 Datasheet
697Kb / 11P
5-6000 MHz MMIC Amplifier
August 2012
ASF255 ASB-ASF255 Datasheet
433Kb / 6P
5-3000 MHz MMIC Amplifier
September 2012
ASW214 ASB-ASW214 Datasheet
350Kb / 12P
5 ~ 8000 MHz MMIC Amplifier
October 2013
ASW335 ASB-ASW335 Datasheet
905Kb / 16P
5 ~ 4000 MHz MMIC Amplifier
January 2014
AWB207 ASB-AWB207 Datasheet
687Kb / 9P
5 ~ 4000 MHz MMIC Amplifier
October 2013
AWB389 ASB-AWB389_17 Datasheet
566Kb / 7P
5 ~ 4000 MHz MMIC Amplifier
April 2017
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com