Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54AC74 Datasheet(PDF) 7 Page - STMicroelectronics

Part # 54AC74
Description  Rad-hard advanced high-speed 5 V CMOS logic series
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

54AC74 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button 54AC74 Datasheet HTML 3Page - STMicroelectronics 54AC74 Datasheet HTML 4Page - STMicroelectronics 54AC74 Datasheet HTML 5Page - STMicroelectronics 54AC74 Datasheet HTML 6Page - STMicroelectronics 54AC74 Datasheet HTML 7Page - STMicroelectronics 54AC74 Datasheet HTML 8Page - STMicroelectronics 54AC74 Datasheet HTML 9Page - STMicroelectronics 54AC74 Datasheet HTML 10Page - STMicroelectronics 54AC74 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
54AC373
Rad-hard octal D-type latch 3-state
300 krad
(Si)
QML-V
Y
5962F87555
Flat-20
54ACT373
Rad-hard octal D-type latch 3-state
-
5962F87556
Flat-20
54AC374
Rad-hard octal D-type flip-flop 3-state
Y
5962F87694
Flat-20
54ACT374
Rad-hard octal D-type flip-flop 3-state
-
5962F87631
Flat-20
54AC521(1)
Rad-hard 8-bit comparator with enable
-
5962F87695
Flat-20
54AC540(1)
Rad-hard octal buffer/line driver 3-state
-
5962F90985
Flat-20
54AC541
Rad-hard octal bus buffer 3-state
Y
5962F88706
Flat-20
Non
inverted
enable
54ACT541
Rad-hard octal bus buffer 3-state
-
5962F89795
Flat-20
54AC574
Rad-hard octal D-type flip-flop 3-state
-
5962F96773
Flat-20
54ACT574
Rad-hard octal D-type flip-flop 3-state
Y
5962F89601
Flat-20
54AC2525(1)
Rad-hard 1 to 8 skew clock driver
-
5962F92174
Flat-48
54AC16244
Rad-hard 16-bit bus transceiver non inverting
-
5962F04210
Flat-48
54ACT16244
Rad-hard 16-bit bus transceiver non inverting
-
5962F92022
Flat-48
54AC16245
Rad-hard 16-bit bus transceiver 3-inverting
-
5962F04211
Flat-48
54ACT16245
Rad-hard 16-bit 3-state buffer transceiver
-
5962F92023
Flat-48
54AC16373
Rad-hard 16 D-type latch 3-state
-
5962F04212
Flat-48
54ACT16373
Rad-hard 16-bit 3-state D-type latch
-
5962F92024
Flat-48
54AC16374
Rad-hard 16 D-type flip flop 3-state
-
5962F04213
Flat-48
54ACT16374
Rad-hard 16-bit 3-state D-type flip-flop
-
5962F92025
Flat-48
54AC164245
Rad-hard 16-bit 3 to 5 V level shifter transceiver 3-state
100 krad (Si)
-
5962R98580
Flat-48
1.
The product is not yet formally qualified by DSCC.
Note:
Contact ST sales office for information about the specific conditions for other 54AC or 54ACT part numbers, product in die form and
QML-Q versions.
Table 1.
Device summary (continued)
Part number
Description
Radiation
level
Agency
qualification
EPPL
SMD /
detailed
specification
Package
Other
features



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com