Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6392 Datasheet(PDF) 12 Page - STMicroelectronics

Part # L6392
Description  High-voltage high and low side driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6392 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L6392_10 Datasheet HTML 8Page - STMicroelectronics L6392_10 Datasheet HTML 9Page - STMicroelectronics L6392_10 Datasheet HTML 10Page - STMicroelectronics L6392_10 Datasheet HTML 11Page - STMicroelectronics L6392_10 Datasheet HTML 12Page - STMicroelectronics L6392_10 Datasheet HTML 13Page - STMicroelectronics L6392_10 Datasheet HTML 14Page - STMicroelectronics L6392_10 Datasheet HTML 15Page - STMicroelectronics L6392_10 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
Electrical characteristics
L6392
12/20
Doc ID 14494 Rev 5
Table 9.
OPAMP characteristics (VCC = 15 V, TJ = +25 °C)
Symbol
Pin
Parameter
Test condition
Min
Typ
Max
Unit
Vio
8, 9
Input offset voltage
Vic = 0 V, Vo = 7.5 V
6
mV
Iio
Input offset current
Vic = 0 V, Vo = 7.5 V
440
nA
Iib
Input bias current (1)
100
200
nA
Vicm
Input common mode voltage
range
0VCC-4
V
VOL
6
Low level output voltage
RL = 10 kΩ to VCC
75
150
mV
VOH
High level output voltage
RL = 10 kΩ to GND
14
14.7
V
Io
Output short circuit current
Source,
Vid = + 1 V; Vo = 0 V
16
30
mA
Sink
Vid = -1 V; Vo = VCC
50
80
mA
SR
Slew rate
Vi = 1÷4;
CL = 100 pF; unity gain
2.5
3.8
V/
μs
GBWP
Gain bandwidth product
Vo = 7.5 V
8
12
MHz
Avd
Large signal voltage gain
RL = 2 kΩ
70
85
dB
SRV
Power supply rejection ratio
vs Vcc
60
75
dB
CMRR
Common mode rejection
ratio
55
70
dB
1.
The direction of input current is out of the IC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com