Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6398 Datasheet(PDF) 7 Page - STMicroelectronics

Part # L6398
Description  High voltage high and low side driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6398 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L6398 Datasheet HTML 3Page - STMicroelectronics L6398 Datasheet HTML 4Page - STMicroelectronics L6398 Datasheet HTML 5Page - STMicroelectronics L6398 Datasheet HTML 6Page - STMicroelectronics L6398 Datasheet HTML 7Page - STMicroelectronics L6398 Datasheet HTML 8Page - STMicroelectronics L6398 Datasheet HTML 9Page - STMicroelectronics L6398 Datasheet HTML 10Page - STMicroelectronics L6398 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
L6398
Electrical characteristics
Doc ID 18199 Rev 3
7/16
5
Electrical characteristics
5.1
AC operation
Figure 3.
Timing
Table 7.
AC operation electrical characteristics (VCC = 15 V; TJ = +25 °C)
Symbol
Pin
Parameter
Test condition
Min
Typ
Max Unit
ton
1, 2
vs
5, 7
High/low side driver turn-on
propagation delay
Vout = 0 V
Vboot = Vcc
CL = 1 nF
VIN = 0 to 3.3 V
See Figure 3
50
125
200
ns
toff
High/low side driver turn-off
propagation delay
50
125
200
ns
DT
Dead time (1)
CL = 1 nF
225
320
415
ns
tr
5, 7
Rise time
CL = 1 nF
75
120
ns
tf
Fall time
CL = 1 nF
35
70
ns
1.
See Figure 4 on page 9.
HIN
HVG
50%
10%
90%
50%
tr
tf
ton
toff
90%
10%
LIN
LVG
50%
10%
90%
50%
tr
tf
ton
toff
90%
10%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com