Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHF330 Datasheet(PDF) 13 Page - STMicroelectronics

Part # RHF330
Description  Rad-hard 1 GHz low noise operational amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHF330 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button RHF330 Datasheet HTML 9Page - STMicroelectronics RHF330 Datasheet HTML 10Page - STMicroelectronics RHF330 Datasheet HTML 11Page - STMicroelectronics RHF330 Datasheet HTML 12Page - STMicroelectronics RHF330 Datasheet HTML 13Page - STMicroelectronics RHF330 Datasheet HTML 14Page - STMicroelectronics RHF330 Datasheet HTML 15Page - STMicroelectronics RHF330 Datasheet HTML 16Page - STMicroelectronics RHF330 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
RHF330
Power supply considerations
Doc ID 15576 Rev 3
13/22
A capacitor CG is added in the gain network to ensure a unity gain at low frequencies to
keep the right DC component at the output. CG contributes to a high-pass filter with Rfb//RG
and its value is calculated with regard to the cut-off frequency of this low-pass filter.
Figure 29.
Circuit for +5 V single supply
+
_
R2
470
Ω
R
G
IN
+5 V
100
Ω
OUT
R
fb
10 µF
+ 1 µF
100 µ F
R1
470
Ω
+5 V
10 nF
R
in
1 k
Ω
C
G
+
AM00836



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com