Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHF350 Datasheet(PDF) 13 Page - STMicroelectronics

Part # RHF350
Description  Rad-hard 550 MHz low noise operational amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHF350 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button RHF350 Datasheet HTML 9Page - STMicroelectronics RHF350 Datasheet HTML 10Page - STMicroelectronics RHF350 Datasheet HTML 11Page - STMicroelectronics RHF350 Datasheet HTML 12Page - STMicroelectronics RHF350 Datasheet HTML 13Page - STMicroelectronics RHF350 Datasheet HTML 14Page - STMicroelectronics RHF350 Datasheet HTML 15Page - STMicroelectronics RHF350 Datasheet HTML 16Page - STMicroelectronics RHF350 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
RHF350
Noise measurements
Doc ID 15604 Rev 4
13/23
Equation 4
The input noise of the instrumentation must be extracted from the measured noise value.
The real output noise value of the driver is:
Equation 5
The input noise is called equivalent input noise because it is not directly measured but is
evaluated from the measurement of the output divided by the closed loop gain (
eNo/g).
After simplification of the fourth and the fifth term of
Equation 4 we obtain:
Equation 6
4.1
Measurement of the input voltage noise
eN
If we assume a short-circuit on the non-inverting input (R3 = 0), from
Equation 6 we can
derive:
Equation 7
In order to easily extract the value of
eN, the resistance R2 will be chosen to be as low as
possible. On the other hand, the gain must be large enough.
R3 = 0, gain: g = 100
4.2
Measurement of the negative input current noise
iNn
To measure the negative input current noise
iNn, we set R3 = 0 and use Equation 7. This
time, the gain must be lower in order to decrease the thermal noise contribution.
R3 = 0, gain: g = 10
4.3
Measurement of the positive input current noise
iNp
To extract
iNp from Equation 5, a resistance R3 is connected to the non-inverting input. The
value of
R3 must be chosen in order to keep its thermal noise contribution as low as
possible against the
iNp contribution.
R3 = 100 W, gain: g = 10
eNo
2
eN
2
g
2
iNn
2
R2
2
iNp
2
+
×
+
×
R3
2
×
g
2
×
R2
R1
--------
2
4kTR1
4kTR2
1
R2
R1
--------
+
2
4kTR3
×
++
×
+
=
eNo
Measured
()
2
instrumentation
()
2
=
eNo
2
eN
2
g
2
iNn
2
R2
2
iNp
2
+
×
+
×
R3
2
×
g
2
×
g4kTR2
1
R2
R1
--------
+
2
4kTR3
×
+
×
+
=
eNo
eN
2
g
2
iNn
2
R2
2
g4kTR2
×
+
×
+
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com