Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3243B Datasheet(PDF) 3 Page - STMicroelectronics

Part # ST3243B
Description  3 to 5.5 V, 400 kbps, RS-232 transceiver with auto-power-down
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3243B Datasheet(HTML) 3 Page - STMicroelectronics

  ST3243B_11 Datasheet HTML 1Page - STMicroelectronics ST3243B_11 Datasheet HTML 2Page - STMicroelectronics ST3243B_11 Datasheet HTML 3Page - STMicroelectronics ST3243B_11 Datasheet HTML 4Page - STMicroelectronics ST3243B_11 Datasheet HTML 5Page - STMicroelectronics ST3243B_11 Datasheet HTML 6Page - STMicroelectronics ST3243B_11 Datasheet HTML 7Page - STMicroelectronics ST3243B_11 Datasheet HTML 8Page - STMicroelectronics ST3243B_11 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
ST3243B ST3243C
Description
Doc ID 7539 Rev 10
3/17
1
Description
The ST3243B / ST3243C devices consist of 3 drivers, 5 receivers and a dual charge-pump
circuit. The devices meet the requirements of EIA/TIA and V.28/V.24 communication
standards providing high data rate capability.
The receiver R2 is always active to implement a wake-up feature for serial port.
The ST3243B / ST3243C have a proprietary low-dropout transmitter output stage enabling
true RS-232 performance from a 3.0 V to 5.5 V supply with a dual charge pump. The
devices are guaranteed to run at data rates of 250 kbps while maintaining RS-232 output
levels.
The auto-power-down feature functions when FORCEON is low and FORCEOFF is high.
During this mode of operation, if the device does not sense a valid RS-232 signal, the driver
outputs are disabled. If FORCEOFF is set low, both drivers and receivers (expert R2B) are
shut off, and supply current is reduced to 1 mA. Disconnecting the serial port or turning off
the peripheral drives causes the auto-power-down condition to occur.
Auto-power-down can be disabled when FORCEON and FORCEOFF are high, and should
be done when driving a serial mouse. With auto-power-down enabled, the device is
activated automatically when a valid signal is applied to any receiver input.
Typical application are in notebook, sub-notebook, palmtop computers, battery-powered
equipment, hand-held equipment, peripherals and printers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com