Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8024L Datasheet(PDF) 11 Page - STMicroelectronics

Part # ST8024L
Description  Smartcard interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8024L Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ST8024L Datasheet HTML 7Page - STMicroelectronics ST8024L Datasheet HTML 8Page - STMicroelectronics ST8024L Datasheet HTML 9Page - STMicroelectronics ST8024L Datasheet HTML 10Page - STMicroelectronics ST8024L Datasheet HTML 11Page - STMicroelectronics ST8024L Datasheet HTML 12Page - STMicroelectronics ST8024L Datasheet HTML 13Page - STMicroelectronics ST8024L Datasheet HTML 14Page - STMicroelectronics ST8024L Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
ST8024L
Electrical characteristics
Doc ID 17709 Rev 5
11/35
Table 7.
Step-up converter
Symbol
Parameter(1)
Test conditions
Min.
Typ.
Max.
Unit
fCLK
Clock frequency
Card active
2.2
3.2
MHz
Vth(vd-vf)
Threshold voltage for
step-up converter to
change to voltage
follower
5 V card
5.2
5.8
6.2
V
3 V card
3.8
4.1
4.4
1.8 V card
3.8
4.1
4.4
VUP
Output voltage on pin
VUP (average value)
5 V card
5.2
5.7
6.2
V
3 V card
3.5
3.9
4.3
1.8 V card
3.5
3.9
4.3
1.
VDD = 3.3 V, VDDP = 5 V, fXTAL = 10 MHz, unless otherwise noted. Typical values are at TA = 25 °C.
Table 8.
Card supply voltage characteristics
Symbol
Parameter(1)
Test conditions
Min.
Typ.
Max.
Unit
CVCC
External capacitance
on pin VCC
See(2)
80
400
nF
VCC
Card supply voltage
(including ripple
voltage)
Card inactive; |ICC| = 0 mA
5 V, 3 V and
1.8 V card
-0.1
0
0.1
V
Card inactive; |ICC| = 1 mA
5 V, 3 V and
1.8 V card
-0.1
0
0.3
Card active; |ICC| < 80 mA
5 V card
4.75
5
5.25
Card active; |ICC| < 65 mA
3 V card
2.85
3
3.15
Card active; |ICC| < 45 mA
1.8 V card
1.68
1.8
1.92
Card active; single current
pulse IP = –100 mA; tp = 2 µs
5 V card
4.65
5
5.25
Card active; single current
pulse IP = –100 mA; tp = 2 µs
3 V card
2.76
3
3.20
Card active; single current
pulse IP = –100 mA; tp = 2 µs
1.8 V card
1.62
1.8
1.98
Card active; current pulses,
QP = 40 nAs
5 V card
4.65
5
5.25
3 V card
2.76
3
3.20
1.8 V card
1.62
1.8
1.98
Card active; current pulses
QP = 40 nAs with
|ICC| < 200 mA, tp < 400 ns
5 V card
4.65
5
5.25
3 V card
2.76
3
3.20
1.8 V card
1.62
1.8
1.98
VCC
(RIPPLE)
(P-P)
Ripple voltage on
VCC (peak-to-peak
value)
fRIPPLE = 20 kHz to 200 MHz
350
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com