Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS20100HR Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPS20100HR
Description  Aerospace 1 x 20 and 2 x 20 A - 100 V Schottky rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS20100HR Datasheet(HTML) 2 Page - STMicroelectronics

  STPS20100HR Datasheet HTML 1Page - STMicroelectronics STPS20100HR Datasheet HTML 2Page - STMicroelectronics STPS20100HR Datasheet HTML 3Page - STMicroelectronics STPS20100HR Datasheet HTML 4Page - STMicroelectronics STPS20100HR Datasheet HTML 5Page - STMicroelectronics STPS20100HR Datasheet HTML 6Page - STMicroelectronics STPS20100HR Datasheet HTML 7Page - STMicroelectronics STPS20100HR Datasheet HTML 8Page - STMicroelectronics STPS20100HR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Characteristics
STPS20100HR
2/10
Doc ID 16953 Rev 1
1
Characteristics
Table 2.
Absolute maximum ratings
Symbol
Characteristic
Value
Unit
I
FSM
Forward surge current (per diode)(1)
1.
Sinusoidal pulse of 10 ms duration
250
A
VRRM
Repetitive peak reverse voltage(2)
2.
Pulsed, duration 5 ms, F = 50 Hz
100
V
IRRM
Repetitive peak reverse current(3)
3.
Pulsed, duration 2 µs, F = 1 kHz
1A
IO
Average output rectified current (50% duty cycle):(4), (5)
All variants (per diode)
Variants 02, and 03 (per device)
4.
For Tcase > +140 °C, derate linearly to 0 A at +175 °C.
5.
The “per Device” ratings apply only as follows:
Variant 02: when both cathode terminals are tied together
Variant 03: when both anode terminals are tied together.
20
40
A
IF(RMS)
Forward rms current (per diode)
30
A
TOP
Operating temperature range(6)
(case temperature)
6.
For variants with hot solder dip lead finish all testing performed at Tamb > +125 °C are carried out in a 100%
inert atmosphere.
-65 to +175
°C
T
J
Junction temperature
+175
°C
TSTG
Storage temperature range(6)
-65 to +175
°C
TSOL
Soldering temperature:
For TO-254(7)
For SMD.5(8)
7.
Duration 10 seconds maximum at a distance of not less than 1.5 mm from the device body and the same
lead shall not be resoldered until 3 minutes have elapsed.
8.
Duration 5 seconds maximum and the same package shall not be resoldered until 3 minutes have elapsed.
+260
+245
o
C
dV/dt
Critical rate of rise of reverse voltage
10000
V/µs
Table 3.
Thermal resistance
Symbol
Characteristic
Value
Unit
Rth(j-c)
(1)
1.
Package mounted on infinite heatsink
Thermal resistance, junction to case
Variants 01, and 05
Variants 02, 03 and 04 (per diode)
Variants 02, and 03 (per device)(2)
2.
The per device ratings apply for variant 02 when both cathode terminals are tied together and for variant 03
when when both anode terminals are tied togther.
1.65
1.65
0.85
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com