Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STRH100N10 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STRH100N10
Description  Rad-Hard 100 V, 48 A N-channel Power MOSFET
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STRH100N10 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STRH100N10 Datasheet HTML 9Page - STMicroelectronics STRH100N10 Datasheet HTML 10Page - STMicroelectronics STRH100N10 Datasheet HTML 11Page - STMicroelectronics STRH100N10 Datasheet HTML 12Page - STMicroelectronics STRH100N10 Datasheet HTML 13Page - STMicroelectronics STRH100N10 Datasheet HTML 14Page - STMicroelectronics STRH100N10 Datasheet HTML 15Page - STMicroelectronics STRH100N10 Datasheet HTML 16Page - STMicroelectronics STRH100N10 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
STRH100N10
Package mechanical data
Doc ID 17486 Rev 6
13/17
6
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com. ECOPACK
is an ST trademark.
Table 13.
TO-254AA mechanical data
Dim.
mm
Inch
Min.
Typ.
Max.
Min.
Typ.
Max.
A
13.59
13.84
0.535
0.545
B
13.59
13.84
0.535
0.545
C
20.07
20.32
0.790
0.800
D
6.32
6.60
0.249
0.260
E
1.02
1.27
0.040
0.050
F
3.56
3.81
0.140
0.150
G
16.89
17.40
0.665
0.685
H
6.86
0.270
I
0.89
1.02
1.14
0.035
0.040
0.045
J
3.81
0.150
K
3.81
0.150
L
12.95
14.50
0.510
0.571
M
2.92
3.18
N0.71
R1
1.00
0.039
R2
1.52
1.65
1.78
0.060
0.065
0.070



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com