Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ULN2001 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ULN2001
Description  Seven Darlington array
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ULN2001 Datasheet(HTML) 1 Page - STMicroelectronics

  ULN2001 Datasheet HTML 1Page - STMicroelectronics ULN2001 Datasheet HTML 2Page - STMicroelectronics ULN2001 Datasheet HTML 3Page - STMicroelectronics ULN2001 Datasheet HTML 4Page - STMicroelectronics ULN2001 Datasheet HTML 5Page - STMicroelectronics ULN2001 Datasheet HTML 6Page - STMicroelectronics ULN2001 Datasheet HTML 7Page - STMicroelectronics ULN2001 Datasheet HTML 8Page - STMicroelectronics ULN2001 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
This is information on a product in full production.
June 2012
Doc ID 5279 Rev 8
1/16
16
ULN2001, ULN2002
ULN2003, ULN2004
Seven Darlington array
Datasheet
− production data
Features
■ Seven Darlingtons per package
■ Output current 500 mA per driver (600 mA
peak)
■ Output voltage 50 V
■ Integrated suppression diodes for inductive
loads
■ Outputs can be paralleled for higher current
■ TTL/CMOS/PMOS/DTL compatible inputs
■ Inputs pinned opposite outputs to simplify
layout
Description
The ULN2001, ULN2002, ULN2003 and ULN
2004 are high voltage, high current Darlington
arrays each containing seven open collector
Darlington pairs with common emitters. Each
channel rated at 500 mA and can withstand peak
currents of 600 mA. Suppression diodes are
included for inductive load driving and the inputs
are pinned opposite the outputs to simplify board
layout.
The versions interface to all common logic
families:
– ULN2001 (general purpose, DTL, TTL,
PMOS, CMOS)
– ULN2002 (14 - 25 V PMOS)
– ULN2003 (5 V TTL, CMOS)
– ULN2004 (6 - 15 V CMOS, PMOS)
These versatile devices are useful for driving a
wide range of loads including solenoids, relays
DC motors, LED displays filament lamps, thermal
printheads and high power buffers.
The ULN2001A/2002A/2003A and 2004A are
supplied in 16 pin plastic DIP packages with a
copper leadframe to reduce thermal resistance.
They are available also in small outline package
(SO-16) as ULN2001D1/2002D1/2003D1/
2004D1
DIP-16
SO-16
(Narrow)
Table 1.
Device summary
Order codes
ULN2001A
ULN2001D1013TR
ULN2002A
ULN2002D1013TR
ULN2003A
ULN2003D1013TR
ULN2004A
ULN2004D1013TR
www.st.com


Similar Part No. - ULN2001

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ULN2001 STMICROELECTRONICS-ULN2001 Datasheet
326Kb / 8P
SEVEN DARLINGTON ARRAYS
Feb-2002
logo
Texas Instruments
ULN2001 TI-ULN2001 Datasheet
513Kb / 19P
HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAY
logo
Toshiba Semiconductor
ULN2001 TOSHIBA-ULN2001 Datasheet
374Kb / 11P
7CH DARLINGTON SINK DRIVER
logo
List of Unclassifed Man...
ULN2001 ETC1-ULN2001 Datasheet
749Kb / 8P
HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
logo
STMicroelectronics
ULN2001 STMICROELECTRONICS-ULN2001 Datasheet
930Kb / 16P
Seven Darlington array
01-Jun-2012
More results

Similar Description - ULN2001

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ULN2003A STMICROELECTRONICS-ULN2003A Datasheet
326Kb / 8P
SEVEN DARLINGTON ARRAYS
Feb-2002
logo
Unisonic Technologies
UTCULN2003 UTC-UTCULN2003 Datasheet
485Kb / 7P
SEVEN DARLINGTON ARRAYS
logo
STMicroelectronics
ULN2000 STMICROELECTRONICS-ULN2000 Datasheet
240Kb / 8P
SEVEN DARLINGTON ARRAYS
ULN200XA STMICROELECTRONICS-ULN200XA Datasheet
163Kb / 14P
Seven darlington array
05-Dec-2006
ULQ200XA STMICROELECTRONICS-ULQ200XA Datasheet
210Kb / 13P
Seven darlington array
23-May-2007
ULN200XA STMICROELECTRONICS-ULN200XA_07 Datasheet
605Kb / 14P
Seven darlington array
28-Aug-2007
ULQ2001 STMICROELECTRONICS-ULQ2001_08 Datasheet
604Kb / 14P
Seven Darlington array
25-Aug-2008
logo
Silicon Standard Corp.
SS62003 SSC-SS62003 Datasheet
193Kb / 5P
Seven-Channel Darlington Array
logo
STMicroelectronics
ULN2004A STMICROELECTRONICS-ULN2004A Datasheet
930Kb / 16P
Seven Darlington array
01-Jun-2012
E-ULN2003A STMICROELECTRONICS-E-ULN2003A Datasheet
930Kb / 16P
Seven Darlington array
01-Jun-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com