Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASW350 Datasheet(PDF) 1 Page - Advanced Semiconductor Business Inc.

Part # ASW350
Description  5-4000 MHz MMIC Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASW350 Datasheet(HTML) 1 Page - Advanced Semiconductor Business Inc.

  ASW350 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASW350 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASW350 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASW350 Datasheet HTML 4Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1/4
ASB Inc. · sales@asb.co.kr · Tel: +82-42-528-7223
February 2010
ASW350
5-4000 MHz MMIC Amplifier
Parameters
Units
Typical
Frequency
MHz
100
250
Gain
dB
24.7
23
S11
dB
-15
-15
S22
dB
-18
-14.5
Output IP3
dBm
41
1)
40
2)
Noise Figure
dB
8.0
7.1
Output P1dB
dBm
23.5
23
Current
mA
150
150
Device Voltage
V
5
5
1) OIP3 is measured with two tones at an output power of +10 dBm/tone separated by 1 MHz.
2) OIP3 is measured with two tones at an output power of +7 dBm/tone separated by 1 MHz.
Parameters
Units
Min
Typ
Max
Testing Frequency
MHz
100
Gain
dB
23
24.7
S11
dB
-15
S22
dB
-18
Output IP3
dBm
39
41
Noise Figure
dB
8.0
8.3
Output P1dB
dBm
22
23.5
Current
mA
135
150
165
Device Voltage
V
5
Parameters
Rating
Operating Case Temperature
-40 to +85°C
Storage Temperature
-40 to +150°C
Device Voltage
+6 V
Operating Junction Temperature
+150°C
Input RF Power (CW, 50ohm matched)*
25 dBm
* Please find the max. input power data from http://www.asb.co.kr/pdf/Maximum_Input_Power_Analysis.pdf
Features
Description
Absolute Maximum Ratings
·24.7 dB Gain at 100 MHz
·23.5 dBm P1dB at 100 MHz
·41 dBm Output IP3 at 100 MHz
·MTTF > 100 Years
·Single Supply
The ASW350, a power amplifier MMIC, has a high
linearity, high gain, and high efficiency over a wide
range of frequency, being suitable for use in both re-
ceiver and transmitter of telecommunication systems
up to 4 GHz. The amplifier is available in an SOT-89
package and passes through the stringent DC, RF,
and reliability tests.
Product Specifications
Typical Performance
ASW350
Package Style: SOT-89
Application Circuit
· IF
· 250 MHz
Pin Configuration
Pin No.
Function
1
RF IN
2
GND
3
RF OUT / Bias


Similar Part No. - ASW350

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASW301 ASB-ASW301 Datasheet
222Kb / 5P
MMIC Amplifier
February 2010
ASW311 ASB-ASW311 Datasheet
359Kb / 9P
MMIC Amplifier
April 2014
ASW313 ASB-ASW313 Datasheet
1Mb / 19P
MMIC Amplifier
February 2017
ASW314 ASB-ASW314 Datasheet
1Mb / 23P
MMIC Amplifier
February 2017
ASW316 ASB-ASW316 Datasheet
945Kb / 15P
MMIC Amplifier
February 2017
More results

Similar Description - ASW350

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASL033 ASB-ASL033 Datasheet
901Kb / 17P
5-4000 MHz MMIC Amplifier
January 2012
ASW135 ASB-ASW135 Datasheet
341Kb / 5P
5-4000 MHz MMIC Amplifier
July 2011
ASW215 ASB-ASW215 Datasheet
463Kb / 7P
5-4000 MHz MMIC Amplifier
February 2010
ASW216 ASB-ASW216 Datasheet
325Kb / 5P
5-4000 MHz MMIC Amplifier
February 2010
ASW338 ASB-ASW338 Datasheet
790Kb / 10P
5-4000 MHz MMIC Amplifier
April 2012
ASW318 ASB-ASW318 Datasheet
1Mb / 23P
5 ~ 4000 MHz MMIC Amplifier
December 2014
ASW335 ASB-ASW335 Datasheet
905Kb / 16P
5 ~ 4000 MHz MMIC Amplifier
January 2014
AWB207 ASB-AWB207 Datasheet
687Kb / 9P
5 ~ 4000 MHz MMIC Amplifier
October 2013
AWB389 ASB-AWB389 Datasheet
441Kb / 6P
5 ~ 4000 MHz MMIC Amplifier
December 2013
AWB389 ASB-AWB389_17 Datasheet
566Kb / 7P
5 ~ 4000 MHz MMIC Amplifier
April 2017
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com