Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC1701 Datasheet(PDF) 39 Page - SMSC Corporation

Part # EMC1701
Description  High-Side Current-Sense and Internal 1째C Temperature Monitor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1701 Datasheet(HTML) 39 Page - SMSC Corporation

Back Button EMC1701 Datasheet HTML 35Page - SMSC Corporation EMC1701 Datasheet HTML 36Page - SMSC Corporation EMC1701 Datasheet HTML 37Page - SMSC Corporation EMC1701 Datasheet HTML 38Page - SMSC Corporation EMC1701 Datasheet HTML 39Page - SMSC Corporation EMC1701 Datasheet HTML 40Page - SMSC Corporation EMC1701 Datasheet HTML 41Page - SMSC Corporation EMC1701 Datasheet HTML 42Page - SMSC Corporation EMC1701 Datasheet HTML 43Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 54 page
background image
High-Side Current-Sense and Internal 1°C Temperature Monitor
Datasheet
SMSC EMC1701
39
Revision 1.2 (09-27-10)
DATASHEET
Bits 5 - 4 - CS_SAMP_AVG[1:0] - Determines the number of averages that the Current Sensing
Circuitry will take as shown in Table 5.22.
Bits 3 - 2 - CS_SAMP_TIME[1:0] - Determines the sampling time of the Current Sensing Circuitry as
shown in Table 5.23. The VSENSE voltage will be updated at this rate representing the average current
over the Sampling Time multiplied by the Averaging factor as shown in Table 5.24.
Table 5.21 Sense Queue Settings
CS_QUEUE[1:0]
NUMBER OF CONSECUTIVE OUT-OF-LIMIT MEASUREMENTS
10
0
0
1 (default)
01
2
10
3
11
4
Table 5.22 Current Sense Averaging Settings
CS_SAMP_AVG[1:0]
AVERAGING
10
0
0
1x (default)
01
2x
10
4x
11
8x
Table 5.23 Current Sensing Sampling Time Settings
CS_SAMP_TIME[1:0]
CURRENT SENSOR SAMPLING TIME
10
0
0
82ms (default)
01
82ms
1
0
164ms
1
1
328ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com