Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP9808 Datasheet(PDF) 15 Page - Microchip Technology

Part # MCP9808
Description  짹0.5째C Maximum Accuracy Digital Temperature Sensor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9808 Datasheet(HTML) 15 Page - Microchip Technology

Back Button MCP9808 Datasheet HTML 11Page - Microchip Technology MCP9808 Datasheet HTML 12Page - Microchip Technology MCP9808 Datasheet HTML 13Page - Microchip Technology MCP9808 Datasheet HTML 14Page - Microchip Technology MCP9808 Datasheet HTML 15Page - Microchip Technology MCP9808 Datasheet HTML 16Page - Microchip Technology MCP9808 Datasheet HTML 17Page - Microchip Technology MCP9808 Datasheet HTML 18Page - Microchip Technology MCP9808 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 52 page
background image
© 2011 Microchip Technology Inc.
DS25095A-page 15
MCP9808
5.0
FUNCTIONAL DESCRIPTION
The MCP9808 temperature sensors consist of a band-
gap-type temperature sensor, a Delta-Sigma Analog-to-
Digital
Converter
(
ΔΣ ADC), user-programmable
registers and a 2-wire SMBus/I2C protocol compatible
serial interface. Figure 5-1 shows a block diagram of the
register structure.
FIGURE 5-1:
Functional Block Diagram.
Clear Alert
+0.5°C
+0.25°C
+0.125°C
+0.0625°C
Temperature
TLOWER Limit
Configuration
ΔΣ ADC
Band Gap
Temperature
Sensor
Alert Status
Output Control
Critical Alert Only
Alert Polarity
Alert Comp/Int
TCRITICAL Limit
Register
Pointer
Critical Trip Lock
Alarm Win. Lock
Shutdown
Hysteresis
Manufacturer ID
Resolution
Device ID/Rev
SMBus/Standard I2C™
Interface
A0
A1
A2
Alert
SDA
SCL
VDD
GND
TUPPER Limit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com