Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASX621 Datasheet(PDF) 3 Page - Advanced Semiconductor Business Inc.

Part # ASX621
Description  250-3000 MHz MMIC Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASX621 Datasheet(HTML) 3 Page - Advanced Semiconductor Business Inc.

  ASX621 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASX621 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASX621 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASX621 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASX621 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASX621 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASX621 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASX621 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASX621 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3/10
ASB Inc. · sales@asb.co.kr · Tel: +82-42-528-7223
February 2010
ASX621
250-3000 MHz MMIC Amplifier
1) OIP3 is measured with two tones at an output power of +15 dBm/tone
separated by 1 MHz.
Board Layout (FR4, 40x40 mm
2, 0.8T)
Schematic
S-parameters
APPLICATION CIRCUIT
Frequency (MHz)
824~849
Magnitude S21 (dB)
28
Magnitude S11 (dB)
-14
Magnitude S22 (dB)
-8
Output P1dB (dBm)
32.5
Output IP3
1) (dBm)
47
Noise Figure (dB)
11
Device Voltage (V)
5
Current (mA)
1150
CDMA Rx
824 ~ 849 MHz
+5 V
600
700
800
900
1000
1100
1200
10
15
20
25
30
35
Frequency (MHz)
600
700
800
900
1000
1100
1200
-25
-20
-15
-10
-5
0
Frequency (MHz)
600
700
800
900
1000
1100
1200
-25
-20
-15
-10
-5
0
Frequency (MHz)
0
500
1000
1500
2000
2500
3000
3500
0
1
2
3
4
5
Frequency (MHz)
Vcc=5 V
RF IN
RF OUT
C6=100pF
C7=1 mF
ASX621
D1=5.6V
Zener Diode
L1=56 nH
(Coil Inductor)
C2=100 pF
C1=2.2 pF
C4=27 pF
C8=100pF
C9=1 mF
C3=7.5 pF
7 mm
R1=15 W
C5=15 pF
L2=56 nH
(Coil Inductor)
*C4 shall be placed as close as
possible to the pin.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com