Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE723A Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE723A
Description  3A 1.5MHz 5.5V Synchronous Buck Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE723A Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE723A Datasheet HTML 1Page - ACE Technology Co., LTD. ACE723A Datasheet HTML 2Page - ACE Technology Co., LTD. ACE723A Datasheet HTML 3Page - ACE Technology Co., LTD. ACE723A Datasheet HTML 4Page - ACE Technology Co., LTD. ACE723A Datasheet HTML 5Page - ACE Technology Co., LTD. ACE723A Datasheet HTML 6Page - ACE Technology Co., LTD. ACE723A Datasheet HTML 7Page - ACE Technology Co., LTD. ACE723A Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ACE723A
3A 1.5MHz 5.5V Synchronous Buck Converter
VER 1.3
2
Absolute Maximum Ratings
Parameter
Symbol
Max
Unit
Input voltage
VIN
6
V
Operating Junction Temperature
TJ
125
OC
Ambient Temperature
TA
-20 ~ 85
OC
Package Thermal Resistance DFN 2*2-8
25
OC/W
Storage temperature
TS
- 40 ~ 150
OC
ESD (HBM)
>2000
V
Note: Exceed these limits to damage to the device. Exposure to absolute maximum rating conditions may affect device reliability.
Packaging Type
DFN2*2-8
DFN3*3-10
EN
COMP
GND
FB
LX
VDD
PGND
PVDD
Ordering information
ACE723A XX + H
Recommended Work Conditions
Item
Min
Max
Unit
Input Voltage Range
6
V
Operating Junction Temperature (TJ)
-20
+125
℃
DN: DFN2*2-8
ON: DFN3*3-10
Pb - free
Halogen - free
1
8
2
7
3
6
4
5
EN
1
10
COMP
GND
2
9
FB
LX
3
8
VDD
LX
4
7
PVDD
PRND
5
6
PVDD



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com