Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE2301B Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE2301B
Description  P-Channel Enhancement Mode MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE2301B Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE2301B Datasheet HTML 1Page - ACE Technology Co., LTD. ACE2301B Datasheet HTML 2Page - ACE Technology Co., LTD. ACE2301B Datasheet HTML 3Page - ACE Technology Co., LTD. ACE2301B Datasheet HTML 4Page - ACE Technology Co., LTD. ACE2301B Datasheet HTML 5Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ACE2301B
P-Channel Enhancement Mode MOSFET
VER 1.3
2
Ordering information
ACE2301B XX + H
Electrical Characteristics
TA=25
OC unless otherwise noted
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Off characteristics
Drain-Source Breakdown Voltage
V(BR)DSS
VGS=0V, ID=-250uA
-20
V
Drain Cut-off Current
IDSS
VDS=-20V, VGS=0V
-1
uA
Gate-Source Leakage Current
IGSS
VGS=±8V, VDS=0V
±100
nA
On characteristics
Drain-Source On-state Resistance
RDS(ON)
VGS=-4.5V, ID=-2.8A
100
130
mR
RDS(ON)
VGS=-2.5V, ID=-2A
120
200
Gate Threshold Voltage
VGS(th)
VDS=VGS, ID=-250uA
-0.45
-0.75
-1.5
V
Forward Transconductance
gFS
VDS=-5V, ID=-2.8A
6.5
S
Switching characteristics
(3)
Turn-On Delay Time
Td(on)
VDD=-6V,RL=6R
ID=-1A, VGEN=-4.5V
RG=6R
13
25
ns
Turn-Off Delay Time
td(off)
42
70
Dynamic characteristics
(3)
Input Capacitance
Ciss
VDS=-6V, VGS=0V
f=1.0MHz
415
pF
Output Capacitance
Coss
223
Feedback Capacitance
Crss
87
Drain-source diode characteristics and maximum ratings
Diode Forward Voltage
VSD
IS=-1.6A,VGS=0V
-0.5
-1.2
V
Note: 1. Pulse width limited by maximum junction temperature
2. Pulse test: PW≦300us, duty cycle≦2%
3. For design AID only, not subject to production testing
4. Switching time is essentially independent of operating temperature
BM : SOT-23-3
Pb - free
Halogen - free



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com