Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE2304B Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE2304B
Description  N-Channel Enhancement Mode MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE2304B Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE2304B Datasheet HTML 1Page - ACE Technology Co., LTD. ACE2304B Datasheet HTML 2Page - ACE Technology Co., LTD. ACE2304B Datasheet HTML 3Page - ACE Technology Co., LTD. ACE2304B Datasheet HTML 4Page - ACE Technology Co., LTD. ACE2304B Datasheet HTML 5Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ACE2304B
N-Channel Enhancement Mode MOSFET
VER 1.2
2
Ordering information
ACE2304B XX + H
Electrical Characteristics
TA=25℃, unless otherwise specified.
Parameter
Symbol
Test Conditions
Min
Typ
Max Unit
Static
Drain-source breakdown
voltage
V(BR)DSS
VGS=0V, ID=250µA
30
34
V
Zero gate voltage drain
current
IDSS
VDS=24V, VGS=0V
1
µA
Gate threshold voltage
VGS(th)
VGS=VDS, IDS=250µA
1
1.4
2
V
Gate leakage current
IGSS
VGS=±20V, VDS=0V
100
nA
Drain-source on-state
resistance
RDS(ON)
VGS=10V, ID=5.8A
26
31.5
mΩ
VGS=4.5V, ID=5A
37
44
mΩ
Forward transconductance
gFS
VDS=5V, ID=5A
15
S
Diode forward voltage
VSD
ISD=1A, VGS=0V
0.77
1.0
V
Maximum body-diode
continuous current
IS
3
A
Switching
Total gate charge
Qg
VGS=10V, VDS=15V, ID=5A
7.6
9.9
nC
Gate-source charge
Qgs
1.3
1.7
nC
Gate-drain charge
Qgd
1.7
2.2
nC
Turn-on delay time
td(on)
VGS=10V, VDD=15V, ID=1A
RL=15Ω, RG=6Ω
10.1 20.3
ns
Turn-on rise time
Tr
3.2
6.3
ns
Turn-off delay time
td(off)
22.2 44.4
ns
Turn-off fall time
Tf
3
6
ns
Dynamic
Input capacitance
Ciss
VGS=0V, VDS=15V,
f=1.0MHz
391
pF
Output capacitance
Coss
86.2
pF
Reverse transfer capacitance
Crss
59.4
pF
Gate resistance
Rg
VGS=0V, VDS=0V, f=1MHz
1.4
2
Ω
BM : SOT-23-3L
Pb - free
Halogen - free



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com