Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE2305B Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE2305B
Description  P-Channel Enhancement Mode Field Effect Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE2305B Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE2305B Datasheet HTML 1Page - ACE Technology Co., LTD. ACE2305B Datasheet HTML 2Page - ACE Technology Co., LTD. ACE2305B Datasheet HTML 3Page - ACE Technology Co., LTD. ACE2305B Datasheet HTML 4Page - ACE Technology Co., LTD. ACE2305B Datasheet HTML 5Page - ACE Technology Co., LTD. ACE2305B Datasheet HTML 6Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ACE2305B
P-Channel Enhancement Mode Field Effect Transistor
VER 1.2
2
Electrical Characteristics
TA=25
OC unless otherwise noted
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
On/Off characteristics
Drain-Source Breakdown Voltage
V(BR)DSS
VGS=0V, ID=-250uA
-20
V
Zero Gate Voltage Drain Current
IDSS
VDS=-16V, VGS=0V
-1
uA
Gate Leakage Current
IGSS
VGS=+8V, VDS=0V
±10
nA
Gate Threshold Voltage
IGS(th)
VGS=VDS, IDS=-250µA
-0.3
-0.65
-1
nA
Static Drain-Source On-Resistance
RDS(ON)
VGS=-4.5V, ID=-4A
50
55
mΩ
VGS=-2.5V, ID=-4A
59
63
VGS=-1.8V, ID=-2A
74
83
Gate Threshold Voltage
VGS(th)
VDS=VGS, ID=-250uA
-1
-1.6
-2.0
V
Forward Transconductance
gFS
VDS=-5V, ID=-4A
8
16
S
Maximum Body-Diode Continuous
Current
IS
-2.2
A
Drain Forward Voltage
VSD
IS=-1A,VGS=0V
-0.8
-1
V
Switching characteristics
(3)
Total Gate Charge
Qg
VDS=-10V, ID=-4A
VGS=-4.5V
4.59
5.97
nC
Gate-Source Charge
Qgs
2.14
2.78
Gate-Drain Charge
Qgd
2.51
3.26
Turn-On Delay Time
Td(on)
VDD=-10V,RL=2.5Ω
ID=-4A, VGEN=-4.5V
RG=3Ω
965.2
1930.4
ns
Turn-On Rise Time
tf
1604
3208
Turn-Off Delay Time
td(off)
7716
15432
Turn-Off Fall Time
tf
3452
6904
Dynamic characteristics
(3)
Input Capacitance
Ciss
VDS=-10V, VGS=0V
f=1.0MHz
36.45
pF
Output Capacitance
Coss
128.57
Reverse Transfer Capacitance
Crss
15.17
Note: 1. Pulse width limited by maximum junction temperature
2. Pulse test: PW≦300us, duty cycle≦2%
3. For design AID only, not subject to production testing.
4. Switching time is essentially independent of operating temperature.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com