Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE4922 Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE4922
Description  Dual N-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE4922 Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE4922 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE4922 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE4922 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE4922 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE4922 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE4922 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE4922 Datasheet HTML 7Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ACE4922
Dual N-Channel Enhancement Mode MOSFET
VER 1.3
1
Description
The ACE4922 is the Dual N-Channel enhancement mode power field effect transistors are produced
using high cell density, DMOS trench technology. This high density process is especially tailored to
minimize on-state resistance and provide superior switching performance. These devices are particularly
suited for low voltage applications such as notebook computer power management and other battery
powered circuits where high-side switching, low in-line power loss, and resistance to transients are
needed.
Features
N-Channel
20V/0.95A, RDS(ON)=3
80mΩ@V
GS=4.5V
20V/0.75A, RDS(ON)=45
0mΩ@V
GS=2.5V
20V/0.65A, RDS(ON)=80
0mΩ@V
GS=1.8V
Super high density cell design for extremely low R
DS(ON)
Exceptional on-resistance and maximum DC current capability
Application
Power Management in Note book
Portable Equipment
Battery Powered System
DC/DC Converter
Load Switch
DSC
LCD Display inverter
Absolute Maximum Ratings
Parameter
Symbol
Max
Unit
Drain-Source Voltage
VDSS
20
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current (TJ=150℃)
TA=25℃
ID
1.2
A
TA=80℃
0.9
Pulsed Drain Current
IDM
4
A
Continuous Source Current (Diode Conduction)
IS
0.6
A
Power Dissipation
TA=25℃
PD
0.35
W
TA=70℃
0.19
Operating Junction Temperature
TJ
-55/150
OC
Storage Temperature Range
TSTG
-55/150
OC


Similar Part No. - ACE4922

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE4922B ACE-ACE4922B Datasheet
837Kb / 6P
Dual N-Channel Enhancement Mode Field Effect Transistor
VER 1.1
ACE4922BEM ACE-ACE4922BEM Datasheet
837Kb / 6P
Dual N-Channel Enhancement Mode Field Effect Transistor
VER 1.1
More results

Similar Description - ACE4922

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM7312 ANPEC-APM7312 Datasheet
118Kb / 9P
Dual N-Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN1026 SYNC-POWER-SPN1026 Datasheet
256Kb / 9P
Dual N-Channel Enhancement Mode MOSFET
SPN7002D SYNC-POWER-SPN7002D Datasheet
258Kb / 9P
Dual N-Channel Enhancement Mode MOSFET
logo
Taiwan Semiconductor Co...
TSM4410D TSC-TSM4410D Datasheet
164Kb / 5P
Dual N-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTDN8233X6 CYSTEKEC-MTDN8233X6 Datasheet
290Kb / 8P
Dual N -Channel Enhancement Mode MOSFET
MTDN8810T8 CYSTEKEC-MTDN8810T8 Datasheet
423Kb / 8P
Dual N-Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN1026 SYNC-POWER-SPN1026_10 Datasheet
236Kb / 10P
Dual N-Channel Enhancement Mode MOSFET
SPN2622 SYNC-POWER-SPN2622 Datasheet
188Kb / 8P
Dual N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMG1026UV DIODES-DMG1026UV Datasheet
240Kb / 6P
DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 6
logo
Stanson Technology
STN4828 STANSON-STN4828 Datasheet
511Kb / 6P
Dual N Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com