Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4954 Datasheet(PDF) 5 Page - STMicroelectronics

Part # L4954
Description  Quad multifunction voltage regulator for car radio
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4954 Datasheet(HTML) 5 Page - STMicroelectronics

  L4954_10 Datasheet HTML 1Page - STMicroelectronics L4954_10 Datasheet HTML 2Page - STMicroelectronics L4954_10 Datasheet HTML 3Page - STMicroelectronics L4954_10 Datasheet HTML 4Page - STMicroelectronics L4954_10 Datasheet HTML 5Page - STMicroelectronics L4954_10 Datasheet HTML 6Page - STMicroelectronics L4954_10 Datasheet HTML 7Page - STMicroelectronics L4954_10 Datasheet HTML 8Page - STMicroelectronics L4954_10 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
L4954
Block and pins connection diagrams
Doc ID 17719 Rev 1
5/13
1
Block and pins connection diagrams
Figure 1.
Block diagram
Figure 2.
Pins connection diagram (top view)
REG1
10V, 40mA
VOLTAGE
REFERENCE
REG2
8.5V, 175mA
REG3
5V, 650mA
REG4
5V, 100mA
VS
RESET
LVWarn
EN1
EN2
10V-REG1
8.5V-REG2
5V-REG3
5V-REG4-STBY
EN3
D95AU346
GND
STCAP
CURRENT
LIMIT
RESET
LVW
OUTPUT
CONTROL
THERMAL
SHUTDOWN
OVERVOLTAGE
PROTECTION
HSD1
2.0A
HSD2
0.3A
HSD3
0.3A
HSD1
HSD2
HSD3
1
2
3
4
5
6
7
9
10
11
8
EN2
EN1
RESET
GND
LVWarn
5V REG4-STBY
ST CAP
HSD3-0.3A
HSD2-0.3A
VS
HSD1-2A
TAB CONNECTED TO PIN 8
13
14
15
12
10V REG1
8.5V REG2
5V REG3
EN3
D95AU347



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com