Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5962TR Datasheet(PDF) 13 Page - STMicroelectronics

Part # L5962TR
Description  Multiple linear/switching voltage regulator for car-radio
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5962TR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L5962TR Datasheet HTML 9Page - STMicroelectronics L5962TR Datasheet HTML 10Page - STMicroelectronics L5962TR Datasheet HTML 11Page - STMicroelectronics L5962TR Datasheet HTML 12Page - STMicroelectronics L5962TR Datasheet HTML 13Page - STMicroelectronics L5962TR Datasheet HTML 14Page - STMicroelectronics L5962TR Datasheet HTML 15Page - STMicroelectronics L5962TR Datasheet HTML 16Page - STMicroelectronics L5962TR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
L5962
Electrical specification
Doc ID 16819 Rev 2
13/24
HSD1
VdropHSD1
Output saturation
Iload = 0.5 A
-
-
500
mV
IleakHSD1
Leakage current
HSD off
output shorted to GND
--
10
µA
IshortHSD1
Short circuit current limit
-
0.75
-
1.5
A
TSHSD1
Thermal shut-down
temperature
Temperature rising
150
-
190
°C
HYSTS-HSD1
Hysteresis on thermal shut-
down temperature
-5
-
15
°C
HSD2
VdropHSD2
Output saturation
Iload = 0.5 A
-
-
500
mV
IleakHSD2
Leakage current
HSD off
output shorted to GND
--
10
µA
IshortHSD2
Short circuit current limit
-
0.75
-
1.5
A
TSHSD2
Thermal shut-down
temperature
Temperature rising
150
-
190
°C
HYSTS-HSD2
Hysteresis on thermal shut-
down temperature
-5
-
15
°C
Switching regulator
VoutSW
Output voltage
Selectable through external
resistor divider
1.2
-
8
V
ILOADmaxSW
Load current limitation
VoutSW decreasing of
100 mV (1)
CLIM = 0 V
CLIM = 5 V
1.2
2.5
-
3
6
A
fsw
Free-run switching frequency
-
150
180
210
kHz
VFB
FB voltage
-
970
-
1030
mV
VdropSW
Dropout voltage
VoutSW = 8 V
IloadSW = 2.5 A
(1)
--
1.2
V
fSYNC
Switching frequency selectable
through SYNC pin
-
220
-
400
kHz
η
Efficiency
free run frequency (1)
VoutSW = 8 V; Iload = 2.5 A
85
-
-
%
SRSS
Soft-start pin slew rate
CSOST = 10 nF
(1)
--
10
V/ms
TSSW
Thermal shut-down
temperature
Temperature rising
150
-
190
°C
HYSSW
Hysteresis on thermal shut-
down temperature
-5
-
15
°C
Table 5.
Electrical characteristics (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com