Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA333BW Datasheet(PDF) 61 Page - STMicroelectronics

Part # STA333BW
Description  2.1-channel 40-watt high-efficiency digital audio system Sound Terminal®
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA333BW Datasheet(HTML) 61 Page - STMicroelectronics

Back Button STA333BW Datasheet HTML 57Page - STMicroelectronics STA333BW Datasheet HTML 58Page - STMicroelectronics STA333BW Datasheet HTML 59Page - STMicroelectronics STA333BW Datasheet HTML 60Page - STMicroelectronics STA333BW Datasheet HTML 61Page - STMicroelectronics STA333BW Datasheet HTML 62Page - STMicroelectronics STA333BW Datasheet HTML 63Page - STMicroelectronics STA333BW Datasheet HTML 64Page - STMicroelectronics STA333BW Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 67 page
background image
STA333BW
Applications
Doc ID 13773 Rev 3
61/67
7
Applications
7.1
Applications schematic
Figure 20 below shows the typical applications schematic for STA333BW. Special attention
has to be paid to the layout of the PCB. All the decoupling capacitors have to be placed as
close as possible to the device to limit spikes on all the supplies.
7.2
PLL filter circuit
It is recommended to use the above circuit and values for the PLL loop filter to achieve the
best performance from the device in general applications. Note that the ground of this filter
circuit has to be connected to the ground of the PLL without any resistive path. Concerning
the component values, it must be taken into account that the greater the filter bandwidth, the
less is the lock time but the higher is the PLL output jitter.
7.3
Typical output configuration
Figure 19 shows the typical output configuration used for BTL stereo mode. Please contact
STMicroelectronics for other recommended output configurations.
Figure 19.
Output configuration for stereo BTL mode (RL = 8 Ω)
OUT1A
100 nF
100 nF
100 nF
100 nF
6R2
6R2
330 pF
22R
OUT1B
22 µH
22 µH
Left
470 nF
OUT2A
100 nF
100 nF
100 nF
100 nF
6R2
6R2
330 pF
22R
OUT2B
22 µH
22 µH
Right
470 nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com