Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA350BW Datasheet(PDF) 78 Page - STMicroelectronics

Part # STA350BW
Description  Sound Terminal® 2.1-channel high-efficiency digital audio system
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA350BW Datasheet(HTML) 78 Page - STMicroelectronics

Back Button STA350BW Datasheet HTML 74Page - STMicroelectronics STA350BW Datasheet HTML 75Page - STMicroelectronics STA350BW Datasheet HTML 76Page - STMicroelectronics STA350BW Datasheet HTML 77Page - STMicroelectronics STA350BW Datasheet HTML 78Page - STMicroelectronics STA350BW Datasheet HTML 79Page - STMicroelectronics STA350BW Datasheet HTML 80Page - STMicroelectronics STA350BW Datasheet HTML 81Page - STMicroelectronics STA350BW Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 86 page
background image
Register description
STA350BW
78/86
Doc ID 018572 Rev 3
Two different behaviors can be configured by the VRESTG bit:
●
If VRESTG=’0’ the CxVR contribution will be applied immediately after the
corresponding I2C bits are written.
●
If VRESTG=’1’ the CxVR bits will be effective on channel volume only after the
corresponding CxVol register or master volume register is written (even to the previous
values).
7.22
Quantization error noise correction (address 0x48)
A special feature inside the digital processing block is available. In case of poles positioned
at very low frequencies, biquad filters can generate some audible quantization noise or
unwanted DC level. In order to avoid this kind of effect, a quantization noise-shaping
capability can be used. The filter structure including this special feature, relative to each
biquad, is shown in Figure 32.
By default, this capability is not activated to maintain backward compatibility with all the
previous Sound Terminal products. The new feature can be enabled independently for each
biquad using the I2C registers. The D7 bit, when set, is responsible for activating this
function on the crossover filter while the other bits address any specific biquads according to
the previous table. Channels 1 and 2 share the same settings. Bit D7 is effective also for
channel 3 if the relative OCFG is used.
VRESEN
VRESTG
Mode
0
0
Extra Volume Resolution disabled
0
1
Extra Volume Resolution disabled
1
0
Volume fine-tuning enabled and applied immediately.
11
Volume fine-tuning enabled and applied when master or
channel volume is updated
D7
D6
D5
D4
D3
D2
D1
D0
NSHXEN
NSHB7EN NSHB6EN NSHB5EN NSHB4EN NSHB3EN NSHB2EN NSHB1EN
00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com