Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA510A Datasheet(PDF) 12 Page - STMicroelectronics

Part # STA510A
Description  44-volt, 5.5-amp, quad power half bridge
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA510A Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STA510A Datasheet HTML 8Page - STMicroelectronics STA510A Datasheet HTML 9Page - STMicroelectronics STA510A Datasheet HTML 10Page - STMicroelectronics STA510A Datasheet HTML 11Page - STMicroelectronics STA510A Datasheet HTML 12Page - STMicroelectronics STA510A Datasheet HTML 13Page - STMicroelectronics STA510A Datasheet HTML 14Page - STMicroelectronics STA510A Datasheet HTML 15Page - STMicroelectronics STA510A Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Technical information
STA510A
12/17
Doc ID 11077 Rev 2
4.6
Applications circuits
Figure 8.
Typical stereo full bridge configuration for up to 2x 100 W
Figure 9.
Typical single BTL configuration for up to 180 W
L18 22
µH
L19 22
µH
C30
1
µF
C20
100nF
C99
100nF
C101
100nF
C107
100nF
C106
100nF
C23
470nF
C55
1000
µF
C21
100nF
C58
100nF
C58
100nF
R57
10K
R59
10K
R63
20
R98
6
R100
6
C53
100nF
C60
100nF
C31
220nF
C52
330pF
R104
20
C109
330pF
15
M3
IN1A
IN1A
VL
CONFIG
PWRDN
PWRDN
FAULT
TRISTATE
THWARN
THWARN
+3.3V
IN1B
VDD
VDD
VSS
VSS
VCCSIG
VCCSIG
GNDREG
GNDCLEAN
IN2A
IN1B
IN2A
IN2B
Protection
&
logic
Regulators
29
23
24
25
27
26
28
30
21
22
33
34
35
36
M2
M5
M4
17
16
OUT1A
GND1A
OUT1A
VCC1A
14
12
10
11
OUT1B
GND1B
OUT1B
VCC1B
13
L113 22
µH
L112 22
µH
C32
220nF
+VCC
C108
470nF
C31
220nF
7
M17
M15
M16
M14
8
9
OUT2A
GND2A
OUT2A
VCC2A
6
4
2
3
OUT2B
GND2B
D00AU1148B
OUT2B
VCC2B
5
19
31
20
GNDSUB
1
IN2B
32
C110
100nF
C111
100nF
R103
6
R102
6
8
Ω
8
Ω
12
µH
12
µH
100nF
FILM
100nF
X7R
100nF
X7R
1
µF
X7R
2200
µF
63V
220nF
680nF
FILM
100nF
FILM
100nF
10K
10K
6.2
1/2W
6.2
1/2W
100nF
X7R
100nF
X7R
Add.
IN1A
IN1A
VL
CONFIG
PWRDN
nPWRDN
FAULT
TRISTATE
THWARN
THWARN
+3.3V
100nF
100nF
X7R
IN1B
VDD
VDD
VSS
VSS
VCCSIG
VCCSIG
GNDREG
GNDCLEAN
IN1B
IN2A
29
23
NC
24
25
27
26
28
30
21
22
33
34
35
36
17
16
18
OUT1A
GND1B
OUT1A
VCC1B
10
13
11
OUT1B
GND1A
OUT1B
14
+36V
330pF
22
Ω
1/2W
4
Ω
GND2A
6
2
12
VCC1A
15
VCC2B
4
VCC2A
7
3
OUT2B
GND2B
D04AU1545
OUT2B
5
19
31
20
GNDSUB
1
IN2B
32
8
9
OUT2A
OUT2A
1
µF
X7R
+36V
220nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com