Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA515W Datasheet(PDF) 9 Page - STMicroelectronics

Part # STA515W
Description  40-volt, 3-amp, quad power half bridge
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA515W Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STA515W Datasheet HTML 5Page - STMicroelectronics STA515W Datasheet HTML 6Page - STMicroelectronics STA515W Datasheet HTML 7Page - STMicroelectronics STA515W Datasheet HTML 8Page - STMicroelectronics STA515W Datasheet HTML 9Page - STMicroelectronics STA515W Datasheet HTML 10Page - STMicroelectronics STA515W Datasheet HTML 11Page - STMicroelectronics STA515W Datasheet HTML 12Page - STMicroelectronics STA515W Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
STA515W
Applications information
Doc ID 11079 Rev 2
9/14
Protection circuits
The STA515W includes protection circuitry for overcurrent and thermal overload conditions.
A thermal warning pin (THWARN) is activated low (open-drain MOSFET) when the IC
temperature exceeds 130 °C, which is in advance of the thermal shutdown protection. When
a fault condition is detected an internal fault signal acts to immediately disable the output
power MOSFETs, placing both H-bridges in the high-impedance state. At the same time an
open-drain MOSFET connected to pin FAULT is switched on.
There are two possible modes subsequent to activating a fault:
Shutdown mode:
with pins FAULT (with pull-up resistor) and TRISTATE independent, an activated fault
disables the device, signalling low at pin FAULT.
The device may subsequently be reset to normal operation by toggling pin TRISTATE
from high to low and back to high using an external logic signal.
Automatic recovery mode:
This is shown in the applications circuit in Figure 7 and Figure 7 on page 10.
Pins FAULT and TRISTATE are shorted together and connected to a time constant
circuit comprising R59 and C58.
An activated fault forces a reset on pin TRISTATE causing normal operation to resume
following a delay determined by the time constant of the circuit.
If the fault condition is still present, the circuit operation continues, repeating until the
fault condition is removed.
An increase in the time constant of the circuit produces a longer recovery interval.
Care must be taken in the overall system design so as not to exceed the protection
thresholds under normal operation.
Power outputs
The STA515W power and output pins are duplicated to provide a low-impedance path for
the device bridged outputs. All duplicated power, ground and output pins must be connected
for proper operation.
Pins PWRDN or TRISTATE should be used to set all MOSFETS to the high-impedance
state during power-up and until the logic power supply, VL, has settled.
Parallel-output and high-current operation
When using DDX mode, the STA515W outputs can be connected in parallel to increase the
output current capability. In this configuration the device can provide 40 W into 8
Ω.
This mode of operation is enabled with pin CONFIG connected to VDD. The inputs must be
combined to give INLA = INLB and INRA = INRB, then the corresponding outputs can be
shorted together to give OUTLA = OUTLB and OUTRA = OUTRB.
Output filter
A passive 2nd-order filter is used on the STA515W power outputs to reconstruct an analog
audio signal. The system performance can be significantly affected by the output filter
design and choice of passive components.
Filter designs for 4-
Ω and 8-Ω loads are shown in the applications circuits of Figure 1 on
page 2 for the half-bridge mode, and Figure 7 and Figure 8 on page 10 for the full bridge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com