Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2040 Datasheet(PDF) 13 Page - STMicroelectronics

Part # TDA2040
Description  25-watt hi-fi audio power amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2040 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TDA2040_12 Datasheet HTML 8Page - STMicroelectronics TDA2040_12 Datasheet HTML 9Page - STMicroelectronics TDA2040_12 Datasheet HTML 10Page - STMicroelectronics TDA2040_12 Datasheet HTML 11Page - STMicroelectronics TDA2040_12 Datasheet HTML 12Page - STMicroelectronics TDA2040_12 Datasheet HTML 13Page - STMicroelectronics TDA2040_12 Datasheet HTML 14Page - STMicroelectronics TDA2040_12 Datasheet HTML 15Page - STMicroelectronics TDA2040_12 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
TDA2040
Applications
Doc ID 1460 Rev 6
13/16
3.3
Practical considerations
3.3.1
Printed circuit board
The layout shown in Figure 14 should be adopted by the designers. If different layouts are
used, the ground points of input 1 and input 2 must be well decoupled from the ground
return of the output in which a high current flows.
3.3.2
Assembly suggestion
No electrical isolation is needed between the package and the heatsink with single supply
voltage configuration.
3.3.3
Application suggestions
The recommended values of the components are those shown in the application circuit of
Figure 13. However, if different values are chosen then the following table can be helpful.
Table 5.
Variations from recommended values
Component
Recommended
value
Purpose
Larger than
recommended value
Smaller than
recommended value
R1
22 k
Ω
Non-inverting
input biasing
Increase in input
impedance
Decrease in input
impedance
R2
680
Ω
Closed-loop
gain setting
Decrease in gain (1)
1.
The value of closed loop gain must be higher than 24 dB
Increase in gain
R3
22 k
Ω
Closed-loop
gain setting
Increase in gain
Decrease in gain (1)
R4
4.7
Ω
Frequency
stability
Danger of oscillation at
high frequencies with
inductive loads
-
C1
1 µF
Input DC
decoupling
-
Increase in
low-frequency cut-off
C2
22 µF
Inverting DC
decoupling
-
Increase in
low-frequency cut-off
C3, C4
0.1 µF
Supply voltage
bypass
-
Danger of oscillation
C5, C6
220
μF
Supply voltage
bypass
-
Danger of oscillation
C7
0.1
μF
Frequency
stability
-
Danger of oscillation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com