Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2050 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA2050
Description  32 W hi-fi audio power amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2050 Datasheet(HTML) 2 Page - STMicroelectronics

  TDA2050_11 Datasheet HTML 1Page - STMicroelectronics TDA2050_11 Datasheet HTML 2Page - STMicroelectronics TDA2050_11 Datasheet HTML 3Page - STMicroelectronics TDA2050_11 Datasheet HTML 4Page - STMicroelectronics TDA2050_11 Datasheet HTML 5Page - STMicroelectronics TDA2050_11 Datasheet HTML 6Page - STMicroelectronics TDA2050_11 Datasheet HTML 7Page - STMicroelectronics TDA2050_11 Datasheet HTML 8Page - STMicroelectronics TDA2050_11 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Device overview
TDA2050
2/18
Doc ID 1461 Rev 3
1
Device overview
Table 2.
Absolute maximum ratings
Table 3.
Thermal data
Figure 2.
Pin connections (top view)
Figure 3.
Schematic diagram
Symbol
Parameter
Value
Unit
Vs
Supply voltage
±25
V
Vi
Input voltage
Vs
Vi
Differential input voltage
±15
V
Io
Output peak current (internally limited)
5
A
Ptot
Power dissipation at TCASE = 75 °C
25
W
Tstg, Tj
Storage and junction temperature
-40 to 150
°C
Symbol
Parameter
Value
Unit
Rth j-case Thermal resistance junction-case
3 (max)
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com