Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2050V Datasheet(PDF) 5 Page - STMicroelectronics

Part # TDA2050V
Description  32 W hi-fi audio power amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2050V Datasheet(HTML) 5 Page - STMicroelectronics

  TDA2050V Datasheet HTML 1Page - STMicroelectronics TDA2050V Datasheet HTML 2Page - STMicroelectronics TDA2050V Datasheet HTML 3Page - STMicroelectronics TDA2050V Datasheet HTML 4Page - STMicroelectronics TDA2050V Datasheet HTML 5Page - STMicroelectronics TDA2050V Datasheet HTML 6Page - STMicroelectronics TDA2050V Datasheet HTML 7Page - STMicroelectronics TDA2050V Datasheet HTML 8Page - STMicroelectronics TDA2050V Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
TDA2050
Split-supply application suggestions
Doc ID 1461 Rev 3
5/18
2
Split-supply application suggestions
The recommended values of the external components are those shown on the application
circuit of Figure 5. Different values can be used. The following table can help the designer.
Table 5.
Recommended values of external components
Component
Recommended
value
Purpose
Larger than
recommended value
Smaller than
recommended value
R1
22 k
Ω
Input impedance
Increase of input
impedance
Decrease of Input
Impedance
R2
680
Ω
Feedback resistor
Decrease of gain(1)
1.
The gain must be higher than 24 dB
Increase of gain
R3
22 k
Ω
Increase of gain
Decrease of gain(1)
R4
2.2
Ω
Frequency stability
Danger of oscillations
C1
1 µF
Input decoupling DC
Higher low-frequency cutoff
C2
22 µF
Inverting input DC
decoupling
Increase of switch
ON/OFF noise
Higher low-frequency cutoff
C3, C4
100 nF
Supply voltage bypass
Danger of oscillation
C5, C6
220 µF
Supply voltage bypass
Danger of oscillation
C7
0.47 µF
Frequency stability
Danger of oscillation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com