Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7375AV Datasheet(PDF) 13 Page - STMicroelectronics

Part # TDA7375AV
Description  2 x 37 W dual/quad power amplifier for car radio
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7375AV Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TDA7375AV_12 Datasheet HTML 9Page - STMicroelectronics TDA7375AV_12 Datasheet HTML 10Page - STMicroelectronics TDA7375AV_12 Datasheet HTML 11Page - STMicroelectronics TDA7375AV_12 Datasheet HTML 12Page - STMicroelectronics TDA7375AV_12 Datasheet HTML 13Page - STMicroelectronics TDA7375AV_12 Datasheet HTML 14Page - STMicroelectronics TDA7375AV_12 Datasheet HTML 15Page - STMicroelectronics TDA7375AV_12 Datasheet HTML 16Page - STMicroelectronics TDA7375AV_12 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
TDA7375AV
Functional description
Doc ID 6325 Rev 4
13/20
4
Functional description
4.1
High application flexibility
The availability of 4 independent channels makes it possible to accomplish several kinds of
applications ranging from 4 speakers stereo (F/R) to 2 speakers bridge solutions.
In case of working in single ended conditions the polarity of the speakers driven by the
inverting amplifier must be reversed respect to those driven by non inverting channels. This
is to avoid phase inconveniences causing sound alterations especially during the
reproduction of low frequencies.
4.2
Easy single ended to bridge transition
The change from single ended to bridge configurations is made simply by means of a short
circuit across the inputs, that is no need of further external components.
4.3
Gain internally fixed to 20 dB in single ended, 26 dB in bridge
Advantages of this design choice are in terms of:
●
components and space saving
●
output noise, supply voltage rejection and distortion optimization
4.4
Silent turn on/off and muting/standby function
The standby can be easily activated by means of a CMOS level applied to pin 7 through a
RC filter.
Under standby conditions the device is turned off completely (supply current = 1
μA typ.;
output attenuation = 80 dB min.). Every ON/OFF operation is virtually pop free.
Furthermore, at turn-on the device stays in muting conditions for a time determined by the
value assigned to the SVR capacitor.
While in muting the device outputs become insensitive to any kind of signal that may be
present at the input terminals. In other words every transient coming from previous stages
doesn't produce unpleasant acoustic effects to the speakers.
4.5
Output stage
The fully complementary output stage was made possible by the development of a new
component: the ST exclusive power ICV PNP.
A novel design based upon the connection shown in Figure 22 has then allowed the full
exploitation of its possibilities. The clear advantages that this new approach has over
classical output stages are described below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com