Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7562B Datasheet(PDF) 15 Page - STMicroelectronics

Part # TDA7562B
Description  4 x 46 W multifunction quad power amplifier with built-in diagnostics features
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7562B Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TDA7562B Datasheet HTML 11Page - STMicroelectronics TDA7562B Datasheet HTML 12Page - STMicroelectronics TDA7562B Datasheet HTML 13Page - STMicroelectronics TDA7562B Datasheet HTML 14Page - STMicroelectronics TDA7562B Datasheet HTML 15Page - STMicroelectronics TDA7562B Datasheet HTML 16Page - STMicroelectronics TDA7562B Datasheet HTML 17Page - STMicroelectronics TDA7562B Datasheet HTML 18Page - STMicroelectronics TDA7562B Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
TDA7562B
Diagnostics functional description
Doc ID 17984 Rev 2
15/30
Figure 20.
Thresholds for short across the speaker/open speaker
If the Line-Driver mode (Gv= 16 dB and line driver mode diagnostic = 1) is selected, the
same thresholds will change as follows:
Figure 21.
Thresholds for line-drivers
4.2
Permanent diagnostics
Detectable conventional faults are:
–
short to GND
–
short to Vs
–
short across the speaker
The following additional features are provided:
–
output offset detection
–
AC diagnostic
The TDA7562B has 2 operating statuses:
1.
Restart mode. The diagnostic is not enabled. Each audio channel operates
independently from each other. If any of the a.m. faults occurs, only the channel(s)
interested is shutdown. A check of the output status is made every 1 ms (Figure 22).
Restart takes place when the overload is removed.
2.
Diagnostic mode. It is enabled via I2C bus and self activates if an output overload (such
to cause the intervention of the short-circuit protection) occurs to the speakers outputs.
Once activated, the diagnostics procedure develops as follows (Figure 23):
–
To avoid momentary re-circulation spikes from giving erroneous diagnostics, a
check of the output status is made after 1ms: if normal situation (no overloads) is
detected, the diagnostic is not performed and the channel returns back active.
–
Instead, if an overload is detected during the check after 1 ms, then a diagnostic
cycle having a duration of about 100 ms is started.
–
After a diagnostic cycle, the audio channel interested by the fault is switched to
restart mode. The relevant data are stored inside the device and can be read by
the microprocessor. When one cycle has terminated, the next one is activated by
an I2C reading. This is to ensure continuous diagnostics throughout the car-radio
operating time.
–
To check the status of the device a sampling system is needed. The timing is
chosen at microprocessor level (over half a second is recommended).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com