Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7565 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7565
Description  Quad power amplifier with integrated step-up converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7565 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7565_10 Datasheet HTML 1Page - STMicroelectronics TDA7565_10 Datasheet HTML 2Page - STMicroelectronics TDA7565_10 Datasheet HTML 3Page - STMicroelectronics TDA7565_10 Datasheet HTML 4Page - STMicroelectronics TDA7565_10 Datasheet HTML 5Page - STMicroelectronics TDA7565_10 Datasheet HTML 6Page - STMicroelectronics TDA7565_10 Datasheet HTML 7Page - STMicroelectronics TDA7565_10 Datasheet HTML 8Page - STMicroelectronics TDA7565_10 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
February 2010
Doc ID 9800 Rev 4
1/19
1
TDA7565
Quad power amplifier with integrated step-up converter
Features
■ Multipower BCD technology
■ DMOS power output
■ Non-switching high efficiency amplifier
■ Switching high efficiency voltage converter
■ High output power capability:
– 4 x 41 W max @ Vs = 14.4 V
– 4 x 59 W @ Vs = 14.4 V and PWM = 17.5 V
■ Full I2C bus driving:
– Standby
– Independent front/rear soft play/mute
– Selectable gain 26 dB - 12 dB (for low noise
line output function)
– High efficiency enable/disable
– Voltage converter enable/disable
– Regulated voltage selection
– Switching frequency selection
■ Hardware mute function
■ Full fault protection
■ DC offset detection
■ Four independent short circuit protection
■ Clipping detector with selectable threshold
(1 % / 10 %) via I2C bus
Description
The TDA7565 is a new BCD technology quad
bridge type of car radio amplifier in Flexiwatt27
package specially intended for car radio
applications.
Thanks to the DMOS output stage the TDA7565
has a very low distortion allowing a clear powerful
sound.
The built-in voltage converter control block
assures a very high output power with an
extremely low number of added components.
Furthermore, the converter makes the TDA7565
compliant to the most recent OEM specifications
for low voltage operation (so called 'start-stop'
battery profile during engine stop), helping car
manufacturers to reduce the overall emissions
and thus contributing to environment protection.
Flexiwatt27
Table 1.
Device summary
Order code
Package
Packing
TDA7565
Flexiwatt27
Tube
www.st.com


Similar Part No. - TDA7565_10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7565 STMICROELECTRONICS-TDA7565_08 Datasheet
190Kb / 18P
Quad power amplifier with built-in voltage converter
01-Jul-2008
TDA7565 STMICROELECTRONICS-TDA7565_V01 Datasheet
230Kb / 19P
Quad power amplifier with integrated step-up converter
16-Sep-2013
More results

Similar Description - TDA7565_10

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2710 NSC-LM2710 Datasheet
853Kb / 20P
Step-up PWM DC/DC Converter Integrated with 5 Buffers
logo
STMicroelectronics
TDA7565 STMICROELECTRONICS-TDA7565 Datasheet
121Kb / 10P
QUAD POWER AMPLIFIER WITH BUILT-IN VOLTAGE CONVERTER
Sep-2003
logo
National Semiconductor ...
LM3211 NSC-LM3211 Datasheet
821Kb / 21P
Step-up PWM DC/DC Converter Integrated with 4 Buffers
logo
STMicroelectronics
TDA7572 STMICROELECTRONICS-TDA7572 Datasheet
1Mb / 64P
200W mono bridge PWM amplifier with built-in step-up converter
03-Sep-2007
TDA7565 STMICROELECTRONICS-TDA7565_08 Datasheet
190Kb / 18P
Quad power amplifier with built-in voltage converter
01-Jul-2008
logo
Linear Technology
LT3467 LINER-LT3467 Datasheet
268Kb / 16P
1.1A Step-Up DC/DC Converter with Integrated Soft-Start
logo
Maxim Integrated Produc...
MAX17127 MAXIM-MAX17127 Datasheet
2Mb / 22P
Six-String WLED Driver with Integrated Step-Up Converter
19-5164; Rev 0; 3/10
logo
Linear Technology
LT3467 LINER-LT3467_15 Datasheet
276Kb / 18P
1.1A Step-Up DC/DC Converter with Integrated Soft-Start
LT3467A LINER-LT3467A_15 Datasheet
276Kb / 18P
1.1A Step-Up DC/DC Converter with Integrated Soft-Start
logo
Renesas Technology Corp
ISL97656 RENESAS-ISL97656 Datasheet
617Kb / 9P
Step-Up Regulator with 4A Integrated Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com