Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7566 Datasheet(PDF) 13 Page - STMicroelectronics

Part # TDA7566
Description  4 x 40 W multifunction quad power amplifier with built-in diagnostics features
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7566 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TDA7566_10 Datasheet HTML 9Page - STMicroelectronics TDA7566_10 Datasheet HTML 10Page - STMicroelectronics TDA7566_10 Datasheet HTML 11Page - STMicroelectronics TDA7566_10 Datasheet HTML 12Page - STMicroelectronics TDA7566_10 Datasheet HTML 13Page - STMicroelectronics TDA7566_10 Datasheet HTML 14Page - STMicroelectronics TDA7566_10 Datasheet HTML 15Page - STMicroelectronics TDA7566_10 Datasheet HTML 16Page - STMicroelectronics TDA7566_10 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
TDA7566
Diagnostics functional description
Doc ID 9801Rev 5
13/29
Figure 17.
SVR and output behavior (case 1: without turn-on diagnostic)
Figure 18.
SVR and output pin behavior (case 2: with turn-on diagnostic)
The information related to the outputs status is read and memorized at the end of the
current pulse top. The acquisition time is 100 ms (typ.). No audible noise is generated in the
process. As for short to GND / Vs the fault-detection thresholds remain unchanged from
26 dB to 12 dB gain setting. They are as follows:
Figure 19.
Thresholds for short to GND/VS
Bias (power amp turn-on)
t
Diagnostic Enable
(Permanent)
Permanent diagnostic
acquisition time (100mS Typ)
Permanent Diagnostics data (output)
permitted time
I2CB DATA
Vsvr
Out
FAULT
event
Read Data
Bias (power amp turn-on)
permitted time
Turn-on diagnostic
acquisition time (100mS Typ)
t
Read Data
Permanent diagnostic
acquisition time (100mS Typ)
Permanent Diagnostics data (output)
permitted time
Diagnostic Enable
(Turn-on)
Turn-on Diagnostics data (output)
permitted time
I2CB DATA
Vsvr
Out
Diagnostic Enable
(Permanent)
FAULT
event
D01AU1253
S.C. to GND
x
S.C. to Vs
0V
1.8V
VS-1.8V
VS
x
Normal Operation
1.2V
VS-1.2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com