Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4962 Datasheet(PDF) 30 Page - STMicroelectronics

Part # TS4962
Description  2.8 W filter-free mono class D audio power amplifier
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4962 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button TS4962_10 Datasheet HTML 26Page - STMicroelectronics TS4962_10 Datasheet HTML 27Page - STMicroelectronics TS4962_10 Datasheet HTML 28Page - STMicroelectronics TS4962_10 Datasheet HTML 29Page - STMicroelectronics TS4962_10 Datasheet HTML 30Page - STMicroelectronics TS4962_10 Datasheet HTML 31Page - STMicroelectronics TS4962_10 Datasheet HTML 32Page - STMicroelectronics TS4962_10 Datasheet HTML 33Page - STMicroelectronics TS4962_10 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
Application information
TS4962
30/44
Doc ID 10968 Rev 8
4
Application information
4.1
Differential configuration principle
The TS4962 is a monolithic, fully differential input/output class D power amplifier. The
TS4962 also includes a common-mode feedback loop that controls the output bias value to
average it at VCC/2 for any DC common-mode input voltage. This allows the device to
always have a maximum output voltage swing, and by consequence, maximize the output
power. Moreover, as the load is connected differentially compared to a single-ended
topology, the output is four times higher for the same power supply voltage.
The advantages of a fully differential amplifier are:
●
high PSRR (power supply rejection ratio).
●
high common mode noise rejection.
●
virtually zero pop without additional circuitry, giving a faster start-up time compared to
conventional single-ended input amplifiers.
●
easier interfacing with differential output audio DAC.
●
no input coupling capacitors required because of common-mode feedback loop.
The main disadvantage is that, since the differential function is directly linked to the external
resistor mismatching, particular attention should be paid to this mismatching in order to
obtain the best performance from the amplifier.
4.2
Gain in typical application schematic
Typical differential applications are shown in Figure 1 on page 6.
In the flat region of the frequency-response curve (no input coupling capacitor effect), the
differential gain is expressed by the relation:
with Rin expressed in kΩ.
Due to the tolerance of the internal 150 k
Ω feedback resistor, the differential gain is in the
range (no tolerance on Rin):
A
V
diff
Out
+
Out
-
–
In
+
In
-
–
-------------------------------
300
R
in
----------
==
273
R
in
----------
A
V
diff
327
R
in
----------
≤≤



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com