Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF3826S2 Datasheet(PDF) 13 Page - RF Micro Devices

Part # RF3826S2
Description  30MHz TO 2500MHz, 9W GaN WIDEBAND
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3826S2 Datasheet(HTML) 13 Page - RF Micro Devices

Back Button RF3826S2 Datasheet HTML 7Page - RF Micro Devices RF3826S2 Datasheet HTML 8Page - RF Micro Devices RF3826S2 Datasheet HTML 9Page - RF Micro Devices RF3826S2 Datasheet HTML 10Page - RF Micro Devices RF3826S2 Datasheet HTML 11Page - RF Micro Devices RF3826S2 Datasheet HTML 12Page - RF Micro Devices RF3826S2 Datasheet HTML 13Page - RF Micro Devices RF3826S2 Datasheet HTML 14Page - RF Micro Devices RF3826S2 Datasheet HTML 15Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
13 of 15
RF3826
DS120418
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Evaluation Board Layout
Device Impedances
Frequency (MHz)
RF3826PCBA-410 (30MHz to 2500MHz)
RF3826PCBA-411 (200MHz to 1800MHz)
Z Source (
)
Z Load (
)Z Source ()
Z Load (
)
30
49.8 - j1.5
41.4 + j4.6
-
-
200
49.5 - j2.0
40.1 - j2.1
49.5 - j2.0
40.2 - j1.1
500
47.3 - j4.0
44.5 + j1.3
47.3 - j4.0
44.8 + j3.5
1000
42.3 - j3.1
35.0 - j8.4
42.3 - j3.1
35.6 - j3.5
1500
39.9 + j1.1
28.2 - j4.0
39.9 + j1.1
29.8 + j3.8
1800
40.4 + j3.7
26.4 - j0.8
40.4 + j3.7
28.9 + j8.9
2000
41.0 + j5.0
25.4 + j1.1
-
-
2200
41.3 + j7.0
24.5 + j3.1
-
-
2500
44.7 + j9.3
22.9 + j6.2
-
-
NOTE: Device impedances reported are the measured evaluation board impedances chosen for a tradeoff of efficiency and peak power
performance across the entire frequency bandwidth.
P1
P2
P3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com