Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFHA1003 Datasheet(PDF) 10 Page - RF Micro Devices

Part # RFHA1003
Description  30MHz TO 512MHz, 9W GaN WIDEBAND
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFHA1003 Datasheet(HTML) 10 Page - RF Micro Devices

Back Button RFHA1003 Datasheet HTML 3Page - RF Micro Devices RFHA1003 Datasheet HTML 4Page - RF Micro Devices RFHA1003 Datasheet HTML 5Page - RF Micro Devices RFHA1003 Datasheet HTML 6Page - RF Micro Devices RFHA1003 Datasheet HTML 7Page - RF Micro Devices RFHA1003 Datasheet HTML 8Page - RF Micro Devices RFHA1003 Datasheet HTML 9Page - RF Micro Devices RFHA1003 Datasheet HTML 10Page - RF Micro Devices RFHA1003 Datasheet HTML 11Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10 of 11
RFHA1003
DS120216
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Evaluation Board Layout
Device Impedances
Frequency (MHz)
RFHA1003PCBA-410 (30MHz to 512MHz)
Z Source (
)
Z Load (
)
30
49.84-j1.61
45.86+j11.88
100
50.00-j1.36
49.11+j1.28
150
49.77-j1.68
48.20-j1.43
200
49.58-j2.22
46.77-j3.34
250
49.41-j2.71
44.97-j4.64
300
49.17-j3.06
42.97-j5.24
350
48.77-j3.50
40.74-5.48
400
48.44-j3.95
38.41-j5.24
450
48.07-j4.21
36.28-j4.57
512
47.45-j4.64
33.49-j3.34
NOTE: Device impedances reported are the measured evaluation board impedances chosen for a tradeoff of efficiency and peak power
performance across the entire frequency bandwidth.
P1
P2
P3



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com