Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT48 Datasheet(PDF) 1 Page - STMicroelectronics

Part # BAT48
Description  Small signal Schottky diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAT48 Datasheet(HTML) 1 Page - STMicroelectronics

  BAT48_11 Datasheet HTML 1Page - STMicroelectronics BAT48_11 Datasheet HTML 2Page - STMicroelectronics BAT48_11 Datasheet HTML 3Page - STMicroelectronics BAT48_11 Datasheet HTML 4Page - STMicroelectronics BAT48_11 Datasheet HTML 5Page - STMicroelectronics BAT48_11 Datasheet HTML 6Page - STMicroelectronics BAT48_11 Datasheet HTML 7Page - STMicroelectronics BAT48_11 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
July 2011
Doc ID 12634 Rev 2
1/8
8
BAT48
Small signal Schottky diode
Features
■ Low leakage current losses
■ Negligible switching losses
■ Low forward and reverse recovery times
■ Extremely fast switching
■ Surface mount device
■ Low capacitance diode
Description
The BAT48 series uses 40 V Schottky barrier
diodes packaged in SOD-123, SOD-323 or
DO-35. This series is general purpose and
features very low turn-on voltage and fast
switching.
Table 1.
Device summary
Symbol
Value
IF
350 mA
VRRM
40 V
C (typ)
18 pF
Tj (max)
150 °C
SOD-123
SOD-323
BAT48ZFILM
(Single)
BAT48JFILM
(Single)
BAT48RL
Configurations in top view
Band indicates cathode
K
A
www.st.com


Similar Part No. - BAT48_11

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BAT48 MCC-BAT48_12 Datasheet
198Kb / 3P
Small Signal Schottky Diode
logo
SHENZHEN YONGERJIA INDU...
BAT48 WINNERJOIN-BAT48_15 Datasheet
125Kb / 4P
Schottky Barrier Diode
logo
GOOD-ARK Electronics
BAT48 GOOD-ARK-BAT48_15 Datasheet
106Kb / 3P
Small-Signal Diode Schottky Diode
More results

Similar Description - BAT48_11

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
1N5711 STMICROELECTRONICS-1N5711 Datasheet
52Kb / 3P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
BAT46 STMICROELECTRONICS-BAT46 Datasheet
35Kb / 4P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
BAT54J STMICROELECTRONICS-BAT54J Datasheet
52Kb / 5P
SMALL SIGNAL SCHOTTKY DIODE
Jun-1999
BYV10-60 STMICROELECTRONICS-BYV10-60 Datasheet
82Kb / 4P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
TMBYV10-60 STMICROELECTRONICS-TMBYV10-60 Datasheet
76Kb / 5P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
TMMBAT46 STMICROELECTRONICS-TMMBAT46 Datasheet
56Kb / 4P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
logo
Galaxy Semi-Conductor H...
BAT48 BILIN-BAT48 Datasheet
136Kb / 2P
SMALL SIGNAL SCHOTTKY DIODE
logo
Vishay Siliconix
BAS170WS-V VISHAY-BAS170WS-V Datasheet
126Kb / 4P
Small Signal Schottky Diode
02-Jul-07
logo
New Jersey Semi-Conduct...
BAR19 NJSEMI-BAR19 Datasheet
68Kb / 2P
SMALL SIGNAL SCHOTTKY DIODE
logo
STMicroelectronics
TMBAT49FILM STMICROELECTRONICS-TMBAT49FILM Datasheet
76Kb / 6P
Small signal Schottky diode
12-Nov-2010
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com