Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ70XP Datasheet(PDF) 17 Page - STMicroelectronics

Part # L99DZ70XP
Description  Door actuator driver
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ70XP Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L99DZ70XP Datasheet HTML 13Page - STMicroelectronics L99DZ70XP Datasheet HTML 14Page - STMicroelectronics L99DZ70XP Datasheet HTML 15Page - STMicroelectronics L99DZ70XP Datasheet HTML 16Page - STMicroelectronics L99DZ70XP Datasheet HTML 17Page - STMicroelectronics L99DZ70XP Datasheet HTML 18Page - STMicroelectronics L99DZ70XP Datasheet HTML 19Page - STMicroelectronics L99DZ70XP Datasheet HTML 20Page - STMicroelectronics L99DZ70XP Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 47 page
background image
L99DZ70XP
Electrical specifications
Doc ID 15162 Rev 3
17/47
12.12
IIOLD1I,
IIOLD6I
Under-current threshold
to supply or GND
VS =13.5V,
VCC =5V,
sink and source
10
30
80
mA
12.13
IIOLD2I,
IIOLD3I
10
20
30
mA
12.14
IIOLD4I,
IIOLD5I
60
150
300
mA
12.15
IIOLD9I,
IIOLD10I
Under-current
threshold to supply
VS =13.5V,
VCC = 5 V, source
510
15
mA
12.16
IIOLD11 I30
150
300
mA
12.17
IIOLD7I,
IIOLD8I
Under-current threshold
to supply in low
on-resistance mode
15
40
60
mA
12.18
Under-current threshold
to supply in high
on-resistance mode
510
15
mA
12.19 IIOLDECVI
Under-current
threshold to GND
VS =13.5V,
VCC = 5V, sink
10
20
30
mA
12.20
tFOL
Filter time of under-current
Duration of under-
current condition to set
the status bit
0.5
3
ms
Table 13.
Electrochrome control
Item
Symbol
Parameter
Test condition
Min. Typ. Max.
Unit
13.1
VCTRLmax
Maximum EC-control
voltage
bit 0= 1 control reg. 2(1)
1.4
1.6
V
13.2
bit 0= 0 control reg. 2(1) 1.12
1.28
V
13.3
DNL
Differential non linearity
-1
1
LSB(2)
13.4
IdVECVI
Voltage deviation
between target and
ECV
dVECV =Vtarget
(3)-V
ECV
IIECDRI < 1µA
-5%
-1
LSB
(3)
+5%
+1
LSB
(3)
mV
13.5
dVECVnr
Difference
voltage
between target
and ECV sets
flag if VECV is:
Below
it
dVECV =
Vtarget - VECV
Toggle
bit 1=1
status
reg. 2
120
mV
13.6
dVECVhi
Above
it
Toggle
bit 0= 1
status
reg. 3
-120
mV
13.7
VECDRmin_high
Output voltage range
IECDR = -10 µA
4.5
5.5
V
13.8
VECDRmax_low
IECDR = 10 µA
0
0.7
V
Table 12.
Current monitoring (continued)
Item
Symbol
Parameter
Test condition
Min.
Typ. Max. Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com