Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41ST85W Datasheet(PDF) 42 Page - STMicroelectronics

Part # M41ST85W
Description  3.0/3.3 V I2C combination serial RTC, NVRAM supervisor and microprocessor supervisor
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST85W Datasheet(HTML) 42 Page - STMicroelectronics

Back Button M41ST85W_11 Datasheet HTML 35Page - STMicroelectronics M41ST85W_11 Datasheet HTML 36Page - STMicroelectronics M41ST85W_11 Datasheet HTML 37Page - STMicroelectronics M41ST85W_11 Datasheet HTML 38Page - STMicroelectronics M41ST85W_11 Datasheet HTML 39Page - STMicroelectronics M41ST85W_11 Datasheet HTML 40Page - STMicroelectronics M41ST85W_11 Datasheet HTML 41Page - STMicroelectronics M41ST85W_11 Datasheet HTML 42Page - STMicroelectronics M41ST85W_11 Datasheet HTML 43Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 42 / 43 page
background image
Revision history
M41ST85W
42/43
Doc ID 7531 Rev 11
9
Revision history
Table 22.
Document revision history
Date
Revision
Changes
Aug-2000
1
First issue
24-Aug-2000
1.1
Block diagram added (Figure 4)
12-Oct-2000
1.2
trec table removed, cross references corrected
18-Dec-2000
2
Reformatted, TOC added, and PFI input leakage current added (Table 11)
18-Jun-2001
2.1
Addition of trec information, table changed, one added (Table 2, 6); changed PFI/PFO
graphic (see Figure 4); change to DC and AC characteristics, order information
(Table 11, 12, 20); note added to “Setting Alarm Clock Registers” section; added
temp./voltage info. to tables (Table 10, 11, 6, 12, 13); addition of default values
(Table 7)
22-Jun-2001
2.2
Note added to clock operation section
26-Jul-2001
3
Change in product maturity
07-Aug-2001
3.1
Improve text in “Setting the Alarm Clock” section
20-Aug-2001
3.2
Change VPFD values in document
06-Sep-2001
3.3
DC characteristics VBAT changed; VOHB changed; PFI hysteresis (PFI Rising) spec.
added; and crystal electrical characteristics table removed (Table 11, 6)
03-Dec-2001
3.4
Changed READ/WRITE mode sequences (Figure 10, 12); change in VPFD lower limit
for 5V (M41ST85Y) part only (Table 11, 20)
01-May-2002
3.5
Change trec definition (Table 6); modify reflow time and temperature footnote (Table 8)
03-Jul-2002
3.6
Modify DC characteristics table footnote, default values (Table 11, 7)
15-Nov-2002
3.7
Added embedded crystal (MX) package option; corrected initial power-up condition
(cover page, Figure 1, 3, 4, 5, 24, Table 1, 7, 20, )
24-Jan-2003
3.8
Update diagrams (Figure 4, 5, 24); update values (Table 13, 5, 6, 7, )
25-Feb20-03
4
New Si changes (Table 13, 5, 6); corrected dimensions (Figure 24; Table )
20-May-2004
5
Reformatted; correct dimensions; update Lead-free information (Figure 20, 13, 16;
Table 8, 16, 20)
15-Jun-2004
6
Update characteristics; add package shipping (Figure 3; Table 1, 11, 20)
13-Sep-2004
7
Update maximum ratings (Table 8)
10-Jan-2006
8
Updated template, Lead-free text, removed 5V references (Figure 1, 2, 3, 4, 5; Table 5,
8, 9, 11, 12, 13, 20, 21)
03-Oct-2007
9
Reformatted document, minor textual changes; added lead-free second level
interconnect information to cover page and Section 6: Package mechanical data;
updated Table 8.
16-Dec-2008
10
Added Section 8: Environmental information; updated Table 8, Section 6: Package
mechanical data; minor reformatting.
03-Oct-2011
11
Updated Table 20: Ordering information scheme as shipping in tubes is not
recommended for new design; updated Section 8: Environmental information; added
Figure 25, 26 and Table 18, 19.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com