Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41ST87W Datasheet(PDF) 1 Page - STMicroelectronics

Part # M41ST87W
Description  5.0 V and 3.3/3.0 V secure serial RTC and NVRAM supervisor with tamper detection and 128 bytes of clearable NVRAM
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST87W Datasheet(HTML) 1 Page - STMicroelectronics

  M41ST87W_11 Datasheet HTML 1Page - STMicroelectronics M41ST87W_11 Datasheet HTML 2Page - STMicroelectronics M41ST87W_11 Datasheet HTML 3Page - STMicroelectronics M41ST87W_11 Datasheet HTML 4Page - STMicroelectronics M41ST87W_11 Datasheet HTML 5Page - STMicroelectronics M41ST87W_11 Datasheet HTML 6Page - STMicroelectronics M41ST87W_11 Datasheet HTML 7Page - STMicroelectronics M41ST87W_11 Datasheet HTML 8Page - STMicroelectronics M41ST87W_11 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 54 page
background image
October 2011
Doc ID 9497 Rev 10
1/54
1
M41ST87Y
M41ST87W
5.0 V and 3.3/3.0 V secure serial RTC and NVRAM supervisor
with tamper detection and 128 bytes of clearable NVRAM
Features
5.0, 3.3, or 3.0 V operation
400 kHz I2C bus
NVRAM supervisor to non-volatize external
LPSRAM
2.5 to 5.5 V oscillator operating voltage
Automatic switchover and deselect circuitry
Choice of power-fail deselect voltages
– M41ST87Y:
(not recommended for new design, contact
ST sales office for availability)
THS = 1: VPFD≈ 4.63 V; VCC = 4.75 to 5.5 V
THS = 0: VPFD≈ 4.37 V; VCC = 4.5 to 5.5 V
– M41ST87W:
THS = 1: VPFD ≈ 2.9 V; VCC = 3.0 to 3.6 V
THS = 0: VPFD ≈ 2.63 V; VCC = 2.7 to 3.6 V
Two independent power-fail comparators
(1.25 V reference)
Counters for tenths/hundredths of seconds,
seconds, minutes, hours, day, date, month,
year, and century
128 bytes of clearable, general purpose
NVRAM
Programmable alarm and interrupt function
(valid even during battery backup mode)
Programmable watchdog timer
Unique electronic serial number (8-byte)
32 kHz frequency output available upon power-
on
Microprocessor power-on reset output
Battery low flag
Ultra-low battery supply current of 500 nA (typ)
Security features
Tamper indication circuits with timestamp and
RAM clear
LPSRAM clear function (TPCLR)
Packaging includes a 28-lead, embedded
crystal SOIC and a 20-lead SSOP
Oscillator stop detection
28-pin, (300 mil)
SOX28
Embedded crystal
SSOP20
www.st.com


Similar Part No. - M41ST87W_11

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41ST87WMX6 STMICROELECTRONICS-M41ST87WMX6 Datasheet
733Kb / 42P
5.0, 3.3, or 3.0V, 1280 bit (160 x8) Secure Serial RTC and NVRAM Supervisor with Tamper Detection
Mar-2006
M41ST87WMX6 STMICROELECTRONICS-M41ST87WMX6 Datasheet
461Kb / 48P
5.0 V and 3.3/3.0 V secure serial RTC and NVRAM supervisor with tamper detection and 128 bytes of clearable NVRAM
10-Sep-2008
M41ST87WMX6 STMICROELECTRONICS-M41ST87WMX6 Datasheet
695Kb / 52P
5.0 V and 3.3/3.0 V secure serial RTC and NVRAM supervisor with tamper detection and 128 bytes of clearable NVRAM
31-Mar-2010
M41ST87WMX6F STMICROELECTRONICS-M41ST87WMX6F Datasheet
695Kb / 52P
5.0 V and 3.3/3.0 V secure serial RTC and NVRAM supervisor with tamper detection and 128 bytes of clearable NVRAM
31-Mar-2010
M41ST87WMX6F STMICROELECTRONICS-M41ST87WMX6F Datasheet
1Mb / 54P
5.0 and 3.3/3.0 V secure serial RTC and NVRAM supervisor with tamper detection and 128 bytes of clearable NVRAM
19-May-2016
More results

Similar Description - M41ST87W_11

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41ST85Y STMICROELECTRONICS-M41ST85Y Datasheet
530Kb / 34P
5.0 OR 3.0V, 512 bit 64 x 8 SERIAL RTC and NVRAM SUPERVISOR
Sep-2004
M41ST87W STMICROELECTRONICS-M41ST87W Datasheet
733Kb / 42P
5.0, 3.3, or 3.0V, 1280 bit (160 x8) Secure Serial RTC and NVRAM Supervisor with Tamper Detection
Mar-2006
M41ST85W STMICROELECTRONICS-M41ST85W_06 Datasheet
606Kb / 34P
3.0/3.3V I2C Combination Serial RTC, NVRAM Supervisor and Microprocessor Supervisor
Jan-2006
M41ST84W STMICROELECTRONICS-M41ST84W_08 Datasheet
302Kb / 34P
3.0/3.3 V I2C serial RTC with 44 bytes of NVRAM and supervisory functions
28-Aug-2008
M41ST85W STMICROELECTRONICS-M41ST85W_07 Datasheet
369Kb / 41P
3.0/3.3V I2C combination serial RTC, NVRAM supervisor and microprocessor supervisor
03-Oct-2007
M41ST87Y STMICROELECTRONICS-M41ST87Y_08 Datasheet
461Kb / 48P
5.0 V and 3.3/3.0 V secure serial RTC and NVRAM supervisor with tamper detection and 128 bytes of clearable NVRAM
10-Sep-2008
M41ST87Y STMICROELECTRONICS-M41ST87Y_10 Datasheet
695Kb / 52P
5.0 V and 3.3/3.0 V secure serial RTC and NVRAM supervisor with tamper detection and 128 bytes of clearable NVRAM
31-Mar-2010
M41ST85W STMICROELECTRONICS-M41ST85W_11 Datasheet
450Kb / 43P
3.0/3.3 V I2C combination serial RTC, NVRAM supervisor and microprocessor supervisor
03-Oct-2011
M41T11 STMICROELECTRONICS-M41T11_11 Datasheet
231Kb / 30P
Serial real-time clock (RTC) with 56 bytes of NVRAM
11-Jun-2012
M41T56 STMICROELECTRONICS-M41T56_11 Datasheet
483Kb / 27P
Serial real-time clock (RTC) with 56 bytes NVRAM
06-Dec-2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com