Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T0 Datasheet(PDF) 20 Page - STMicroelectronics

Part # M41T0
Description  Serial real-time clock
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T0 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button M41T0_11 Datasheet HTML 15Page - STMicroelectronics M41T0_11 Datasheet HTML 16Page - STMicroelectronics M41T0_11 Datasheet HTML 17Page - STMicroelectronics M41T0_11 Datasheet HTML 18Page - STMicroelectronics M41T0_11 Datasheet HTML 19Page - STMicroelectronics M41T0_11 Datasheet HTML 20Page - STMicroelectronics M41T0_11 Datasheet HTML 21Page - STMicroelectronics M41T0_11 Datasheet HTML 22Page - STMicroelectronics M41T0_11 Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
Package mechanical information
M41T0
20/23
Doc ID 9105 Rev 7
Figure 14.
Reel schematic
Note:
The dimensions given in Table 11 incorporate tolerances that cover all variations on critical
parameters.
A
D
B
Full radius
Tape slot
In core for
Tape start
2.5mm min.width
G measured
At hub
C
N
40mm min.
Access hole
At slot location
T
AM04928v1
Table 11.
Reel dimensions for 12 mm carrier tape - SO8 package (150 mils body width)
A
(max)
B
(min)
C
D
(min)
N
(min)
G
T
(max)
330 mm
(13-inch)
1.5 mm
13 mm
± 0.2 mm
20.2 mm
60 mm
12.4 mm
+ 2/–0 mm
18.4 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com