Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T11 Datasheet(PDF) 21 Page - STMicroelectronics

Part # M41T11
Description  Serial real-time clock (RTC) with 56 bytes of NVRAM
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T11 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button M41T11_11 Datasheet HTML 17Page - STMicroelectronics M41T11_11 Datasheet HTML 18Page - STMicroelectronics M41T11_11 Datasheet HTML 19Page - STMicroelectronics M41T11_11 Datasheet HTML 20Page - STMicroelectronics M41T11_11 Datasheet HTML 21Page - STMicroelectronics M41T11_11 Datasheet HTML 22Page - STMicroelectronics M41T11_11 Datasheet HTML 23Page - STMicroelectronics M41T11_11 Datasheet HTML 24Page - STMicroelectronics M41T11_11 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
M41T11
DC and AC parameters
Doc ID 6103 Rev 10
21/30
Figure 15.
Power down/up mode AC waveforms
Table 9.
Power down/up AC characteristics
Symbol
Parameter(1)(2)
1.
Valid for ambient operating temperature: TA = –40 to 85°C; VCC = 2.0 to 5.5 V (except where noted).
2.
VCC fall time should not exceed 5 mV/µs.
Min
Max
Unit
tPD
SCL and SDA at VIH before power down
0
ns
tREC
SCL and SDA at VIH after power up
10
µs
Table 10.
Power down/up trip points DC characteristics
Symbol
Parameter(1)(2)
1.
Valid for ambient operating temperature: TA = –40 to 85°C; VCC = 2.0 to 5.5 V (except where noted).
2.
All voltages referenced to VSS.
Min
Typ
Max(3)
3.
In 3.3 V application, if initial battery voltage is
≥ 3.4 V, it may be necessary to reduce battery voltage (i.e.,
through wave soldering the battery) in order to avoid inadvertent switchover/deselection for VCC – 10%
operation.
Unit
VSO
(4)
4.
Switchover and deselect point.
Battery backup switchover voltage
VBAT – 0.80
VBAT – 0.50
VBAT – 0.30
V
AI00596
VCC
tREC
tPD
VSO
SDA
SCL
DON'T CARE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com