Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T80 Datasheet(PDF) 17 Page - STMicroelectronics

Part # M41T80
Description  Serial access real-time clock with alarm
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T80 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button M41T80_11 Datasheet HTML 13Page - STMicroelectronics M41T80_11 Datasheet HTML 14Page - STMicroelectronics M41T80_11 Datasheet HTML 15Page - STMicroelectronics M41T80_11 Datasheet HTML 16Page - STMicroelectronics M41T80_11 Datasheet HTML 17Page - STMicroelectronics M41T80_11 Datasheet HTML 18Page - STMicroelectronics M41T80_11 Datasheet HTML 19Page - STMicroelectronics M41T80_11 Datasheet HTML 20Page - STMicroelectronics M41T80_11 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
M41T80
Clock operation
Doc ID 9074 Rev 5
17/27
3.5
Output driver pin
When the AFE bit and SQWE bit are not set, the IRQ/OUT/SQW pin becomes an output
driver that reflects the contents of D7 of the control register. In other words, when D7 (OUT
bit) of address location 08h is a '0,' then the IRQ/OUT/SQW pin will be driven low.
Note:
The IRQ/OUT/SQW pin is an open drain which requires an external pull-up resistor.
3.6
Preferred power-on default
When powering the device up from ground (0 V), the following register bits are set to a '0'
state: ST; AFE; and SQWE. The following bits are set to a '1' state: OUT and 32KE (see
Table 6: Preferred power-on default values on page 17).
Table 6.
Preferred power-on default values
Condition
ST
OUT
AFE
SQWE
32KE
Power-up(1)
1.
If VCC falls to a voltage, 0 V < VCC < 2.0 V, these bits should be rewritten by the user.
01
0
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com