Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T81S Datasheet(PDF) 21 Page - STMicroelectronics

Part # M41T81S
Description  Serial access real-time clock (RTC) with alarms
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T81S Datasheet(HTML) 21 Page - STMicroelectronics

Back Button M41T81S_12 Datasheet HTML 17Page - STMicroelectronics M41T81S_12 Datasheet HTML 18Page - STMicroelectronics M41T81S_12 Datasheet HTML 19Page - STMicroelectronics M41T81S_12 Datasheet HTML 20Page - STMicroelectronics M41T81S_12 Datasheet HTML 21Page - STMicroelectronics M41T81S_12 Datasheet HTML 22Page - STMicroelectronics M41T81S_12 Datasheet HTML 23Page - STMicroelectronics M41T81S_12 Datasheet HTML 24Page - STMicroelectronics M41T81S_12 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
M41T81S
Clock operation
Doc ID 10773 Rev 7
21/32
Battery low warning
The M41T81S automatically performs battery voltage monitoring upon power-up and at
factory-programmed time intervals of approximately 24 hours. The battery low (BL) bit, bit
D4 of flags register 0Fh, will be asserted if the battery voltage is found to be less than
approximately 2.5 V. The BL bit will remain asserted until completion of battery replacement
and subsequent battery low monitoring tests, either during the next power-up sequence or
the next scheduled 24-hour interval.
If a battery low is generated during a power-up sequence, this indicates that the battery is
below approximately 2.5 volts and may not be able to maintain data integrity. Clock data
should be considered suspect and verified as correct. A fresh battery should be installed.
If a battery low indication is generated during the 24-hour interval check, this indicates that
the battery is near end of life. However, data is not compromised due to the fact that a
nominal VCC is supplied. In order to insure data integrity during subsequent periods of
battery back-up mode, the battery should be replaced.
The M41T81S only monitors the battery when a nominal VCC is applied to the device. Thus
applications which require extensive durations in the battery backup mode should be
powered-up periodically (at least once every few months) in order for this technique to be
beneficial. Additionally, if a battery low is indicated, data integrity should be verified upon
power-up via a checksum or other technique.
Oscillator fail detection
If the oscillator fail bit (OF) is internally set to '1,' this indicates that the oscillator has either
stopped, or was stopped for some period of time and can be used to judge the validity of the
clock and date data.
In the event the OF bit is found to be set to '1' at any time other than the initial power-up, the
STOP bit (ST) should be written to a '1,' then immediately reset to '0.' This will restart the
oscillator.
The following conditions can cause the OF bit to be set:
●
The first time power is applied (defaults to a '1' on power-up).
●
The voltage present on VCC is insufficient to support oscillation.
●
The ST bit is set to '1.'
●
External interference of the crystal.
The OF bit will remain set to '1' until written to logic '0.' The oscillator must start and have
run for at least 4 seconds before attempting to reset the OF bit to '0.'
Oscillator fail interrupt enable
If the oscillator fail interrupt bit (OFIE) is set to a '1,' the IRQ pin will also be activated. The
IRQ output is cleared by resetting the OFIE or OF bit to '0' (not be reading the flags register).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com