Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T08 Datasheet(PDF) 30 Page - STMicroelectronics

Part # M48T08
Description  5 V, 64 Kbit (8 Kb x 8) TIMEKEEPER® SRAM
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T08 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button M48T08 Datasheet HTML 23Page - STMicroelectronics M48T08 Datasheet HTML 24Page - STMicroelectronics M48T08 Datasheet HTML 25Page - STMicroelectronics M48T08 Datasheet HTML 26Page - STMicroelectronics M48T08 Datasheet HTML 27Page - STMicroelectronics M48T08 Datasheet HTML 28Page - STMicroelectronics M48T08 Datasheet HTML 29Page - STMicroelectronics M48T08 Datasheet HTML 30Page - STMicroelectronics M48T08 Datasheet HTML 31Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 30 / 31 page
background image
Revision history
M48T08, M48T08Y, M48T18
30/31
Doc ID 2411 Rev 11
9
Revision history
Table 18.
Document revision history
Date
Revision
Changes
Dec-1999
1
First Issue
07-Feb-2000
2
From Preliminary Data to Datasheet; Battery Low Flag paragraph
changed; 100ns speed class identifier changed (Table 3, 4)
11-Jul-2000
2.1
tFB changed (Table 10); Watchdog Timer paragraph changed
16-Jul-2001
3
Reformatted; SNAPHAT battery table added (Table 17); added
temp./voltage info. to tables (Table 8, 9, 3, 4, 10, 11).
01-Aug-2001
3.1
Reference to App. Note corrected in “Calibrating the Clock” section
21-Dec-2001
3.2
Changes to text in document to reflect addition of M48T08Y option
06-Mar-2002
3.3
Fix Ordering Information table and add to footnote (Table 16)
20-May-2002
3.4
Modify reflow time and temperature footnotes (Table 6)
29-Aug-2002
3.5
tDR specification temperature updated (Table 11)
28-Mar-2003
4
v2.2 template applied; updated test conditions (Table 10)
10-Dec-2003
5
Reformatted
30-Mar-2004
6
Reformatted; Lead-free (Pb-free) information package update (Table 6,
16)
13-Dec-2005
7
Updated template, Lead-free information, removed footnote (Table 9, 16)
04-Jul-2007
8
Reformatted; added lead-free second level interconnect information to
cover page and Section 6: Package mechanical data.
10-Feb-2009
9
Updated Table 6, text in Section 6: Package mechanical data; added
Section 8: Environmental information; minor formatting changes.
21-Jun-2010
10
Updated Section 4, Table 12; reformatted document.
07-Jun-2011
11
Updated footnote 1 of Table 6: Absolute maximum ratings; updated
Section 8: Environmental information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com